Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 42 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 42 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 38Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 39Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 40Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 41Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 42Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 43Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 44Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 45Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 42
 2016-2018 Microchip Technology Inc.
4.5
Special Function Register Maps
TABLE 4-2:
SFR BLOCK 000h
TABLE 4-3:
SFR BLOCK 100h
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
Core
WREG14
01C
0000000000000000
DOSTARTL
03A
xxxxxxxxxxxxxxx0
WREG0
000
0000000000000000 WREG15
01E
0000100000000000
DOSTARTH
03C
0000000000xxxxxx
WREG1
002
0000000000000000 SPLIM
020
xxxxxxxxxxxxxxx0
DOENDL
03E
xxxxxxxxxxxxxxx0
WREG2
004
0000000000000000 ACCAL
022
xxxxxxxxxxxxxxxx
DOENDH
040
0000000000xxxxxx
WREG3
006
0000000000000000 ACCAH
024
xxxxxxxxxxxxxxxx
SR
042
0000000000000000
WREG4
008
0000000000000000 ACCAU
026
00000000xxxxxxxx
CORCON
044
0000000000100000
WREG5
00A
0000000000000000 ACCBL
028
xxxxxxxxxxxxxxxx
MODCON
046
0000000000000000
WREG6
00C
0000000000000000 ACCBH
02A
xxxxxxxxxxxxxxxx
XMODSRT
048
xxxxxxxxxxxxxxx0
WREG7
00E
0000000000000000 ACCBU
02C
00000000xxxxxxxx
XMODEND
04A
xxxxxxxxxxxxxxx1
WREG8
010
0000000000000000 PCL
02E
0000000000000000
YMODSRT
04C
xxxxxxxxxxxxxxx0
WREG9
012
0000000000000000 PCH
030
0000000000000000
YMODEND
04E
xxxxxxxxxxxxxxx1
WREG10
014
0000000000000000 DSRPAG
032
0000000000000001
XBREV
050
xxxxxxxxxxxxxxxx
WREG11
016
0000000000000000 DSWPAG
034
0000000000000001
DISICNT
052
00xxxxxxxxxxxxxx
WREG12
018
0000000000000000 RCOUNT
036
xxxxxxxxxxxxxxxx
TBLPAG
054
00000000xxxxxxxx
WREG13
01A
0000000000000000 DCOUNT
038
xxxxxxxxxxxxxxxx
CTXTSTAT
05A
0000000000000000
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
Timers
TMR5HLD
116
xxxxxxxxxxxxxxxx
IC2CON2
14A
0000000000001101
TMR1
100
xxxxxxxxxxxxxxxx TMR5
118
xxxxxxxxxxxxxxxx
IC2BUF
14C
xxxxxxxxxxxxxxxx
PR1
102
1111111111111111 PR4
11A
1111111111111111
IC2TMR
14E
0000000000000000
T1CON
104
0000000000000000 PR5
11C
1111111111111111
IC3CON1
150
0000000000000000
TMR2
106
xxxxxxxxxxxxxxxx T4CON
11E
0000000000000000
IC3CON2
152
0000000000001101
TMR3HLD
108
xxxxxxxxxxxxxxxx T5CON
120
0000000000000000
IC3BUF
154
xxxxxxxxxxxxxxxx
TMR3
10A
xxxxxxxxxxxxxxxx Input Capture
IC3TMR
156
0000000000000000
PR2
10C
1111111111111111 IC1CON1
140
0000000000000000
IC4CON1
158
0000000000000000
PR3
10E
1111111111111111 IC1CON2
142
0000000000001101
IC4CON2
15A
0000000000001101
T2CON
110
0000000000000000 IC1BUF
144
xxxxxxxxxxxxxxxx
IC4BUF
15C
xxxxxxxxxxxxxxxx
T3CON
112
0000000000000000 IC1TMR
146
0000000000000000
IC4TMR
15E
0000000000000000
TMR4
114
xxxxxxxxxxxxxxxx IC2CON1
148
0000000000000000
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com