Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 75 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 75 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 71Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 72Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 73Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 74Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 75Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 76Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 77Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 78Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 75
dsPIC33EPXXXGS70X/80X FAMILY
7.0
INTERRUPT CONTROLLER
The dsPIC33EPXXXGS70X/80X family interrupt
controller reduces the numerous peripheral interrupt
request signals to a single interrupt request signal to
the dsPIC33EPXXXGS70X/80X family CPU.
The interrupt controller has the following features:
• Six Processor Exceptions and Software Traps
• Seven User-Selectable Priority Levels
• Interrupt Vector Table (IVT) with a Unique Vector
for each Interrupt or Exception Source
• Fixed Priority within a Specified User Priority
Level
• Fixed Interrupt Entry and Return Latencies
• Alternate Interrupt Vector Table (AIVT) for Debug
Support
7.1
Interrupt Vector Table
The dsPIC33EPXXXGS70X/80X family Interrupt Vector
Table (IVT), shown in Figure 7-1, resides in program
memory, starting at location, 000004h. The IVT con-
tains six non-maskable trap vectors and up to
246 sources of interrupts. In general, each interrupt
source has its own vector. Each interrupt vector
contains a 24-bit wide address. The value programmed
into each interrupt vector location is the starting
address of the associated Interrupt Service Routine
(ISR).
Interrupt vectors are prioritized in terms of their natural
priority. This priority is linked to their position in the
vector table. Lower addresses generally have a higher
natural priority. For example, the interrupt associated
with Vector 0 takes priority over interrupts at any other
vector address.
7.1.1
ALTERNATE INTERRUPT VECTOR
TABLE
The Alternate Interrupt Vector Table (AIVT), shown in
Figure 7-2, is available only when the Boot Segment is
defined and the AIVT has been enabled. To enable the
Alternate Interrupt Vector Table, the Configuration bit,
AIVTDIS in the FSEC register, must be programmed
and the AIVTEN bit must be set (INTCON2<8> = 1).
When the AIVT is enabled, all interrupt and exception
processes use the alternate vectors instead of the
default vectors. The AIVT begins at the start of the last
page of the Boot Segment, defined by BSLIM<12:0>.
The second half of the page is no longer usable space.
The Boot Segment must be at least two pages to
enable the AIVT.
The AIVT supports debugging by providing a means to
switch between an application and a support environ-
ment without requiring the interrupt vectors to be
reprogrammed. This feature also enables switching
between applications for evaluation of different
software algorithms at run time.
7.2
Reset Sequence
A device Reset is not a true exception because the
interrupt controller is not involved in the Reset process.
The dsPIC33EPXXXGS70X/80X family devices clear
their registers in response to a Reset, which forces the
PC to zero. The device then begins program execution
at location, 0x000000. A GOTO instruction at the Reset
address can redirect program execution to the
appropriate start-up routine.
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33EPXXXGS70X/
80X family of devices. It is not intended to
be a comprehensive reference source. To
complement the information in this data
sheet, refer to “Interrupts” (DS70000600)
in the “dsPIC33/PIC24 Family Reference
Manual”, which is available from the
Microchip website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
Note:
Although the Boot Segment must be
enabled in order to enable the AIVT,
application code does not need to be
present inside of the Boot Segment. The
AIVT (and IVT) will inherit the Boot
Segment code protection.
Note:
Any unimplemented or unused vector
locations
in
the
IVT
should
be
programmed with the address of a default
interrupt handler routine that contains a
RESET instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com