Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 38 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 38 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 34Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 35Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 36Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 37Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 38Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 39Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 40Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 41Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 38
 2016-2018 Microchip Technology Inc.
4.2.1
PROGRAM MEMORY
ORGANIZATION
The program memory space is organized in word-
addressable blocks. Although it is treated as 24 bits
wide, it is more appropriate to think of each address of
the program memory as a lower and upper word, with
the upper byte of the upper word being unimplemented.
The lower word always has an even address, while the
upper word has an odd address (Figure 4-5).
Program memory addresses are always word-aligned
on the lower word, and addresses are incremented or
decremented by two, during code execution. This
arrangement provides compatibility with data memory
space addressing and makes data in the program
memory space accessible.
4.2.2
INTERRUPT AND TRAP VECTORS
All dsPIC33EPXXXGS70X/80X family devices reserve
the addresses between 0x000000 and 0x000200 for
hard-coded program execution vectors. A hardware
Reset vector is provided to redirect code execution
from the default value of the PC on device Reset to the
actual start of code. A GOTO instruction is programmed
by the user application at address, 0x000000, of Flash
memory, with the actual address for the start of code at
address, 0x000002, of Flash memory.
A more detailed discussion of the Interrupt Vector
Tables (IVTs) is provided in Section 7.1 “Interrupt
Vector Table”.
FIGURE 4-5:
PROGRAM MEMORY ORGANIZATION
0
8
16
PC Address
0x000000
0x000002
0x000004
0x000006
23
00000000
00000000
00000000
00000000
Program Memory
‘Phantom’ Byte
(read as ‘0’)
least significant word
most significant word
Instruction Width
0x000001
0x000003
0x000005
0x000007
msw
Address
(lsw Address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com