Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 41 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 41 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 37Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 38Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 39Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 40Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 41Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 42Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 43Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 44Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 41
dsPIC33EPXXXGS70X/80X FAMILY
4.3.5
X AND Y DATA SPACES
The dsPIC33EPXXXGS70X/80X core has two Data
Spaces, X and Y. These Data Spaces can be considered
either separate (for some DSP instructions) or as one
unified linear address range (for MCU instructions). The
Data Spaces are accessed using two Address Genera-
tion Units (AGUs) and separate data paths. This feature
allows certain instructions to concurrently fetch two
words from RAM, thereby enabling efficient execution of
DSP algorithms, such as Finite Impulse Response (FIR)
filtering and Fast Fourier Transform (FFT).
The X Data Space is used by all instructions and
supports all addressing modes. X Data Space has
separate read and write data buses. The X read data
bus is the read data path for all instructions that view
Data Space as combined X and Y address space. It is
also the X data prefetch path for the dual operand DSP
instructions (MAC class).
The Y Data Space is used in concert with the X Data
Space by the MAC class of instructions (CLR, ED,
EDAC, MAC, MOVSAC, MPY, MPY.N and MSC) to provide
two concurrent data read paths.
Both the X and Y Data Spaces support Modulo Address-
ing mode for all instructions, subject to addressing mode
restrictions. Bit-Reversed Addressing mode is only
supported for writes to X Data Space.
All data memory writes, including in DSP instructions,
view Data Space as combined X and Y address space.
The boundary between the X and Y Data Spaces is
device-dependent and is not user-programmable.
4.4
Memory Resources
Many useful resources are provided on the main
product page of the Microchip website for the devices
listed in this data sheet. This product page contains the
latest updates and additional information.
4.4.1
KEY RESOURCES
• “dsPIC33E/PIC24E Program Memory”
(DS70000613) in the “dsPIC33/PIC24 Family
Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com