Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 49 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 49 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 45Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 46Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 47Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 48Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 49Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 50Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 51Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 52Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 49
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 4-14:
SFR BLOCK C00h-D00h
Register
Address
All Resets
Register
Address
All Resets
Register
Address
All Resets
PWM
FCLCON3
C64
0000000000000000 IOCON6
CC2
1100000000000000
PTCON
C00
0000000000000000 PDC3
C66
0000000000000000 FCLCON6
CC4
0000000000000000
PTCON2
C02
0000000000000000 PHASE3
C68
0000000000000000 PDC6
CC6
0000000000000000
PTPER
C04
1111111111111000 DTR3
C6A
0000000000000000 PHASE6
CC8
0000000000000000
SEVTCMP
C06
0000000000000000 ALTDTR3
C6C
0000000000000000 DTR6
CCA
0000000000000000
MDC
C0A
0000000000000000 SDC3
C6E
0000000000000000 ALTDTR6
CCC
0000000000000000
STCON
C0E
0000000000000000 SPHASE3
C70
0000000000000000 SDC6
CCE
0000000000000000
STCON2
C10
0000000000000000 TRIG3
C72
0000000000000000 SPHASE6
CD0
0000000000000000
STPER
C12
1111111111111000 TRGCON3
C74
0000000000000000 TRIG6
CD2
0000000000000000
SSEVTCMP
C14
0000000000000000 STRIG3
C76
0000000000000000 TRGCON6
CD4
0000000000000000
CHOP
C1A
0000000000000000 PWMCAP3
C78
0000000000000000 STRIG6
CD6
0000000000000000
PWMKEY
C1E
xxxxxxxxxxxxxxxx LEBCON3
C7A
0000000000000000 PWMCAP6
CD8
0000000000000000
PWM Generator
LEBDLY3
C7C
0000000000000000 LEBCON6
CDA
0000000000000000
PWMCON1
C20
0000000000000000 AUXCON3
C7E
0000000000000000 LEBDLY6
CDC
0000000000000000
IOCON1
C22
1100000000000000 PWMCON4
C80
0000000000000000 AUXCON6
CDE
0000000000000000
FCLCON1
C24
0000000000000000 IOCON4
C82
1100000000000000 PWMCON7
CE0
0000000000000000
PDC1
C26
0000000000000000 FCLCON4
C84
0000000000000000 IOCON7
CE2
1100000000000000
PHASE1
C28
0000000000000000 PDC4
C86
0000000000000000 FCLCON7
CE4
0000000000000000
DTR1
C2A
0000000000000000 PHASE4
C88
0000000000000000 PDC7
CE6
0000000000000000
ALTDTR1
C2C
0000000000000000 DTR4
C8A
0000000000000000 PHASE7
CE8
0000000000000000
SDC1
C2E
0000000000000000 ALTDTR4
C8C
0000000000000000 DTR7
CEA
0000000000000000
SPHASE1
C30
0000000000000000 SDC4
C8E
0000000000000000 ALTDTR7
CEC
0000000000000000
TRIG1
C32
0000000000000000 SPHASE4
C90
0000000000000000 SDC7
CEE
0000000000000000
TRGCON1
C34
0000000000000000 TRIG4
C92
0000000000000000 SPHASE7
CF0
0000000000000000
STRIG1
C36
0000000000000000 TRGCON4
C94
0000000000000000 TRIG7
CF2
0000000000000000
PWMCAP1
C38
0000000000000000 STRIG4
C96
0000000000000000 TRGCON7
CF4
0000000000000000
LEBCON1
C3A
0000000000000000 PWMCAP4
C98
0000000000000000 STRIG7
CF6
0000000000000000
LEBDLY1
C3C
0000000000000000 LEBCON4
C9A
0000000000000000 PWMCAP7
CF8
0000000000000000
AUXCON1
C3E
0000000000000000 LEBDLY4
C9C
0000000000000000 LEBCON7
CFA
0000000000000000
PWMCON2
C40
0000000000000000 AUXCON4
C9E
0000000000000000 LEBDLY7
CFC
0000000000000000
IOCON2
C42
1100000000000000 PWMCON5
CA0
0000000000000000 AUXCON7
CFE
0000000000000000
FCLCON2
C44
0000000000000000 IOCON5
CA2
1100000000000000 PWMCON8
D00
0000000000000000
PDC2
C46
0000000000000000 FCLCON5
CA4
0000000000000000 IOCON8
D02
1100000000000000
PHASE2
C48
0000000000000000 PDC5
CA6
0000000000000000 FCLCON8
D04
0000000000000000
DTR2
C4A
0000000000000000 PHASE5
CA8
0000000000000000 PDC8
D06
0000000000000000
ALTDTR2
C4C
0000000000000000 DTR5
CAA
0000000000000000 PHASE8
D08
0000000000000000
SDC2
C4E
0000000000000000 ALTDTR5
CAC
0000000000000000 ALTDTR8
D0C
0000000000000000
SPHASE2
C50
0000000000000000 SDC5
CAE
0000000000000000 SDC8
D0E
0000000000000000
TRIG2
C52
0000000000000000 SPHASE5
CB0
0000000000000000 SPHASE8
D10
0000000000000000
TRGCON2
C54
0000000000000000 TRIG5
CB2
0000000000000000 TRIG8
D12
0000000000000000
STRIG2
C56
0000000000000000 TRGCON5
CB4
0000000000000000 TRGCON8
D14
0000000000000000
PWMCAP2
C58
0000000000000000 STRIG5
CB6
0000000000000000 STRIG8
D16
0000000000000000
LEBCON2
C5A
0000000000000000 PWMCAP5
CB8
0000000000000000 PWMCAP8
D18
0000000000000000
LEBDLY2
C5C
0000000000000000 LEBCON5
CBA
0000000000000000 LEBCON8
D1A
0000000000000000
AUXCON2
C5E
0000000000000000 LEBDLY5
CBC
0000000000000000 LEBDLY8
D1C
0000000000000000
PWMCON3
C60
0000000000000000 AUXCON5
CBE
0000000000000000 AUXCON8
D1E
0000000000000000
IOCON3
C62
1100000000000000 PWMCON6
CC0
0000000000000000
Legend: x = unknown or indeterminate value. Address values are in hexadecimal. Reset values are in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com