Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 407 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 407 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 403Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 404Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 405Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 406Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 407Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 408Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 409Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 410Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 411Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 407
dsPIC33EPXXXGS70X/80X FAMILY
TABLE 30-35: SPI1, SPI2 AND SPI3 SLAVE MODE (FULL-DUPLEX, CKE = 1, CKP = 0, SMP = 0)
TIMING REQUIREMENTS(5)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param.
Symbol
Characteristic(1)
Min.
Typ.(2) Max.
Units
Conditions
SP70
FscP
Maximum SCKx Input Frequency
—
—
15
MHz
(Note 3)
SP72
TscF
SCKx Input Fall Time
—
—
—
ns
See Parameter DO32
(Note 4)
SP73
TscR
SCKx Input Rise Time
—
—
—
ns
See Parameter DO31
(Note 4)
SP30
TdoF
SDOx Data Output Fall Time
—
—
—
ns
See Parameter DO32
(Note 4)
SP31
TdoR
SDOx Data Output Rise Time
—
—
—
ns
See Parameter DO31
(Note 4)
SP35
TscH2doV,
TscL2doV
SDOx Data Output Valid after
SCKx Edge
—
6
20
ns
SP36
TdoV2scH,
TdoV2scL
SDOx Data Output Setup to
First SCKx Edge
30
—
—
ns
SP40
TdiV2scH,
TdiV2scL
Setup Time of SDIx Data Input
to SCKx Edge
30
—
—
ns
SP41
TscH2diL,
TscL2diL
Hold Time of SDIx Data Input
to SCKx Edge
30
—
—
ns
SP50
TssL2scH,
TssL2scL
SSx
 to SCKx  or SCKx 
Input
120
—
—
ns
SP51
TssH2doZ
SSx
 to SDOx Output
High-Impedance
10
—
50
ns
(Note 4)
SP52
TscH2ssH
TscL2ssH
SSx
after SCKx Edge
1.5 TCY + 40
—
—
ns
(Note 4)
SP60
TssL2doV
SDOx Data Output Valid after
SSx Edge
—
—
50
ns
Note 1:
These parameters are characterized, but are not tested in manufacturing.
2:
Data in “Typical” column is at 3.3V, +25°C unless otherwise stated.
3:
The minimum clock period for SCKx is 66.7 ns. Therefore, the SCKx clock generated by the master must
not violate this specification.
4:
Assumes 50 pF load on all SPIx pins.
5:
Pertaining to SPI3: dsPIC33EPXXXGS702, dsPIC33EPXXXGSX04 and dsPIC33EPXXXGSX05 devices
with a remappable SCK3 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com