Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 414 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 414 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 410Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 411Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 412Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 413Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 414Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 415Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 416Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 417Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 418Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 414
 2016-2018 Microchip Technology Inc.
TABLE 30-39: SPI3 MAXIMUM DATA/CLOCK RATE SUMMARY(1)
FIGURE 30-19:
SPI3 MASTER MODE (HALF-DUPLEX, TRANSMIT ONLY, CKE = 0)
TIMING CHARACTERISTICS(1,2)
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Maximum
Data Rate
Master
Transmit Only
(Half-Duplex)
Master
Transmit/Receive
(Full-Duplex)
Slave
Transmit/Receive
(Full-Duplex)
CKE
CKP
SMP
25 MHz
Table 30-40
——
0,10,10,1
25 MHz
—
Table 30-41
—
10,11
25 MHz
—
Table 30-42
—
00,11
25 MHz
—
—
Table 30-43
100
25 MHz
—
—
Table 30-44
110
25 MHz
—
—
Table 30-45
010
25 MHz
—
—
Table 30-46
000
Note 1:
For dsPIC33EPXXXGSX06 and dsPIC33EPXXXGSX08 devices with a fixed SCK3 pin.
SCK3
(CKP = 0)
SCK3
(CKP = 1)
SDO3
SP10
SP21
SP20
SP35
SP20
SP21
MSb
LSb
Bit 14 - - - - - -1
SP30, SP31
SP30, SP31
Note 1: For dsPIC33EPXXXGSX06 and dsPIC33EPXXXGSX08 devices with a fixed SCK3 pin.
2: Refer to Figure 30-1 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com