Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 125 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 125 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 121Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 122Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 123Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 124Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 125Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 126Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 127Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 128Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 125
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 10-6:
PMD7: PERIPHERAL MODULE DISABLE CONTROL REGISTER 7
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
CMP4MD
CMP3MD
CMP2MD
CMP1MD
bit 15
bit 8
U-0
U-0
U-0
R/W-0
R/W-0
U-0
R/W-0
U-0
—
—
—
DMAMD
PTGMD
—PGA1MD
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-12
Unimplemented: Read as ‘0’
bit 11
CMP4MD: CMP4 Module Disable bit
1 = CMP4 module is disabled
0 = CMP4 module is enabled
bit 10
CMP3MD: CMP3 Module Disable bit
1 = CMP3 module is disabled
0 = CMP3 module is enabled
bit 9
CMP2MD: CMP2 Module Disable bit
1 = CMP2 module is disabled
0 = CMP2 module is enabled
bit 8
CMP1MD: CMP1 Module Disable bit
1 = CMP1 module is disabled
0 = CMP1 module is enabled
bit 7-5
Unimplemented: Read as ‘0’
bit 4
DMAMD: DMA Module Disable bit
1 = DMA module is disabled
0 = DMA module is enabled
bit 3
PTGMD: PTG Module Disable bit
1 = PTG module is disabled
0 = PTG module is enabled
bit 2
Unimplemented: Read as ‘0’
bit 1
PGA1MD: PGA1 Module Disable bit
1 = PGA1 module is disabled
0 = PGA1 module is enabled
bit 0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com