Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 158 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 158 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 154Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 155Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 156Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 157Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 158Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 159Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 160Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 161Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 162Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 158
 2016-2018 Microchip Technology Inc.
REGISTER 11-37: RPOR4: PERIPHERAL PIN SELECT OUTPUT REGISTER 4
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
RP36R6
RP36R5
RP36R4
RP36R3
RP36R2
RP36R1
RP36R0
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
RP35R6
RP35R5
RP35R4
RP35R3
RP35R2
RP35R1
RP35R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-8
RP36R<6:0>: Peripheral Output Function is Assigned to RP36 Output Pin bits
(see Table 11-13 for peripheral function numbers)
bit 7
Unimplemented: Read as ‘0’
bit 6-0
RP35R<6:0>: Peripheral Output Function is Assigned to RP35 Output Pin bits
(see Table 11-13 for peripheral function numbers)
REGISTER 11-38: RPOR5: PERIPHERAL PIN SELECT OUTPUT REGISTER 5
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
RP38R6
RP38R5
RP38R4
RP38R3
RP38R2
RP38R1
RP38R0
bit 15
bit 8
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
RP37R6
RP37R5
RP37R4
RP37R3
RP37R2
RP37R1
RP37R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
Unimplemented: Read as ‘0’
bit 14-8
RP38R<6:0>: Peripheral Output Function is Assigned to RP38 Output Pin bits
(see Table 11-13 for peripheral function numbers)
bit 7
Unimplemented: Read as ‘0’
bit 6-0
RP37R<6:0>: Peripheral Output Function is Assigned to RP37 Output Pin bits
(see Table 11-13 for peripheral function numbers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com