Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 143 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 143 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 139Page - NXP Semiconductors HCS08 Datasheet HTML 140Page - NXP Semiconductors HCS08 Datasheet HTML 141Page - NXP Semiconductors HCS08 Datasheet HTML 142Page - NXP Semiconductors HCS08 Datasheet HTML 143Page - NXP Semiconductors HCS08 Datasheet HTML 144Page - NXP Semiconductors HCS08 Datasheet HTML 145Page - NXP Semiconductors HCS08 Datasheet HTML 146Page - NXP Semiconductors HCS08 Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 316 page
background image
Analog-to-Digital Converter (S08ADCV1)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
143
9.6.2
Sources of Error
Several sources of error exist for A/D conversions. These are discussed in the following sections.
9.6.2.1
Sampling Error
For proper conversions, the input must be sampled long enough to achieve the proper accuracy. Given the
maximum input resistance of approximately 7k
 and input capacitance of approximately 5.5 pF, sampling
to within 1/4LSB (at 10-bit resolution) can be achieved within the minimum sample window (3.5 cycles @
8 MHz maximum ADCK frequency) provided the resistance of the external analog source (RAS) is kept
below 5 k
.
Higher source resistances or higher-accuracy sampling is possible by setting ADLSMP (to increase the
sample window to 23.5 cycles) or decreasing ADCK frequency to increase sample time.
9.6.2.2
Pin Leakage Error
Leakage on the I/O pins can cause conversion error if the external analog source resistance (RAS) is high.
If this error cannot be tolerated by the application, keep RAS lower than VDDAD / (2N*ILEAK) for less than
1/4LSB leakage error (N = 8 in 8-bit mode or 10 in 10-bit mode).
9.6.2.3
Noise-Induced Errors
System noise which occurs during the sample or conversion process can affect the accuracy of the
conversion. The ADC accuracy numbers are guaranteed as specified only if the following conditions are
met:
•
There is a 0.1
F low-ESR capacitor from VREFH to VREFL.
•
There is a 0.1
F low-ESR capacitor from VDDAD to VSSAD.
•
If inductive isolation is used from the primary supply, an additional 1
F capacitor is placed from
VDDAD to VSSAD.
•VSSAD (and VREFL, if connected) is connected to VSS at a quiet point in the ground plane.
•
Operate the MCU in wait or stop3 mode before initiating (hardware triggered conversions) or
immediately after initiating (hardware or software triggered conversions) the ADC conversion.
— For software triggered conversions, immediately follow the write to the ADCSC1 with a WAIT
instruction or STOP instruction.
— For stop3 mode operation, select ADACK as the clock source. Operation in stop3 reduces VDD
noise but increases effective conversion time due to stop recovery.
•
There is no I/O switching, input or output, on the MCU during the conversion.
There are some situations where external system activity causes radiated or conducted noise emissions or
excessive VDD noise is coupled into the ADC. In these situations, or when the MCU cannot be placed in
wait or stop3 or I/O activity cannot be halted, these recommended actions may reduce the effect of noise
on the accuracy:
•
Place a 0.01
F capacitor (CAS) on the selected input channel to VREFL or VSSAD (this will
improve noise issues but will affect sample rate based on the external analog source resistance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com