Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 147 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 147 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 143Page - NXP Semiconductors HCS08 Datasheet HTML 144Page - NXP Semiconductors HCS08 Datasheet HTML 145Page - NXP Semiconductors HCS08 Datasheet HTML 146Page - NXP Semiconductors HCS08 Datasheet HTML 147Page - NXP Semiconductors HCS08 Datasheet HTML 148Page - NXP Semiconductors HCS08 Datasheet HTML 149Page - NXP Semiconductors HCS08 Datasheet HTML 150Page - NXP Semiconductors HCS08 Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 316 page
background image
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
147
Chapter 10
Internal Clock Source (S08ICSV2)
10.1
Introduction
The internal clock source (ICS) module provides clock source choices for the MCU. The module contains
a frequency-locked loop (FLL) as a clock source that is controllable by either an internal or an external
reference clock. The module can provide this FLL clock or either of the internal or external reference
clocks as a source for the MCU system clock. There are also signals provided to control a low power
oscillator (XOSC) module to allow the use of an external crystal/resonator as the external reference clock.
Whichever clock source is chosen, it is passed through a reduced bus divider (BDIV) which allows a lower
final output clock frequency to be derived.
The bus frequency will be one-half of the ICSOUT frequency.
NOTE
For MC9S08SG8, it is 1.5% deviation for -40 °C to 125 °C
standard-temperature rated devices and 3% deviation for AEC Grade 0
high-temperature rated devices (-40 to 150 °C).
10.1.1
Module Configuration
When the internal reference is enabled in stop mode (IREFSTEN = 1), the voltage regulator must also be
enabled in stop mode by setting the LVDE and LVDSE bits in the SPMSC1 register.
Figure 10-1 shows the MC9S08SG8 block diagram with the ICS module highlighted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com