Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 151 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 147Page - NXP Semiconductors HCS08 Datasheet HTML 148Page - NXP Semiconductors HCS08 Datasheet HTML 149Page - NXP Semiconductors HCS08 Datasheet HTML 150Page - NXP Semiconductors HCS08 Datasheet HTML 151Page - NXP Semiconductors HCS08 Datasheet HTML 152Page - NXP Semiconductors HCS08 Datasheet HTML 153Page - NXP Semiconductors HCS08 Datasheet HTML 154Page - NXP Semiconductors HCS08 Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 316 page
background image
Internal Clock Source (S08ICSV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
151
10.1.4.4
FLL Bypassed Internal Low Power (FBILP)
In FLL bypassed internal low power mode, the FLL is disabled and bypassed, and the ICS supplies a clock
derived from the internal reference clock. The BDC clock is not available.
10.1.4.5
FLL Bypassed External (FBE)
In FLL bypassed external mode, the FLL is enabled and controlled by an external reference clock, but is
bypassed. The ICS supplies a clock derived from the external reference clock. The external reference clock
can be an external crystal/resonator supplied by an OSC controlled by the ICS, or it can be another external
clock source. The BDC clock is supplied from the FLL.
10.1.4.6
FLL Bypassed External Low Power (FBELP)
In FLL bypassed external low power mode, the FLL is disabled and bypassed, and the ICS supplies a clock
derived from the external reference clock. The external reference clock can be an external crystal/resonator
supplied by an OSC controlled by the ICS, or it can be another external clock source. The BDC clock is
not available.
10.1.4.7
Stop (STOP)
In stop mode the FLL is disabled and the internal or external reference clocks can be selected to be enabled
or disabled. The BDC clock is not available and the ICS does not provide an MCU clock source.
10.2
External Signal Description
There are no ICS signals that connect off chip.
10.3
Register Definition
Figure 10-1 is a summary of ICS registers.
Table 10-1. ICS Register Summary
Name
76543
2
1
0
ICSC1
R
CLKS
RDIV
IREFS
IRCLKEN
IREFSTEN
W
ICSC2
R
BDIV
RANGE
HGO
LP
EREFS
ERCLKEN
EREFSTEN
W
ICSTRM
R
TRIM
W
ICSSC
R
0
0
0
IREFST
CLKST
OSCINIT
FTRIM
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com