Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 155 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 151Page - NXP Semiconductors HCS08 Datasheet HTML 152Page - NXP Semiconductors HCS08 Datasheet HTML 153Page - NXP Semiconductors HCS08 Datasheet HTML 154Page - NXP Semiconductors HCS08 Datasheet HTML 155Page - NXP Semiconductors HCS08 Datasheet HTML 156Page - NXP Semiconductors HCS08 Datasheet HTML 157Page - NXP Semiconductors HCS08 Datasheet HTML 158Page - NXP Semiconductors HCS08 Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 316 page
background image
Internal Clock Source (S08ICSV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
155
10.4
Functional Description
10.4.1
Operational Modes
Figure 10-7. Clock Switching Modes
The seven states of the ICS are shown as a state diagram and are described below. The arrows indicate the
allowed movements between the states.
10.4.1.1
FLL Engaged Internal (FEI)
FLL engaged internal (FEI) is the default mode of operation and is entered when all the following
conditions occur:
1
OSC Initialization — If the external reference clock is selected by ERCLKEN or by the ICS being in FEE, FBE,
or FBELP mode, and if EREFS is set, then this bit is set after the initialization cycles of the external oscillator
clock have completed. This bit is only cleared when either ERCLKEN or EREFS are cleared.
0
ICS Fine Trim — The FTRIM bit controls the smallest adjustment of the internal reference clock frequency.
Setting FTRIM will increase the period and clearing FTRIM will decrease the period by the smallest amount
possible.
Table 10-5. ICS Status and Control Register Field Descriptions (continued)
Field
Description
FLL Bypassed
Internal Low
Power(FBILP)
IREFS=1
CLKS=00
Entered from any state
when MCU enters stop
FLL Engaged
Internal (FEI)
FLL Bypassed
Internal (FBI)
FLL Bypassed
External (FBE)
FLL Engaged
External (FEE)
FLL Bypassed
External Low
Power(FBELP)
IREFS=0
CLKS=00
IREFS=0
CLKS=10
BDM Enabled
or LP =0
Returns to state that was active
before MCU entered stop, unless
RESET occurs while in stop.
IREFS=0
CLKS=10
BDM Disabled
and LP=1
IREFS=1
CLKS=01
BDM Enabled
or LP=0
IREFS=1
CLKS=01
BDM Disabled
and LP=1
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com