Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 156 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 152Page - NXP Semiconductors HCS08 Datasheet HTML 153Page - NXP Semiconductors HCS08 Datasheet HTML 154Page - NXP Semiconductors HCS08 Datasheet HTML 155Page - NXP Semiconductors HCS08 Datasheet HTML 156Page - NXP Semiconductors HCS08 Datasheet HTML 157Page - NXP Semiconductors HCS08 Datasheet HTML 158Page - NXP Semiconductors HCS08 Datasheet HTML 159Page - NXP Semiconductors HCS08 Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 316 page
background image
Internal Clock Source (S08ICSV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
156
Freescale Semiconductor
•
CLKS bits are written to 00
•
IREFS bit is written to 1
•
RDIV bits are written to divide trimmed reference clock to be within the range of 31.25 kHz to
39.0625 kHz.
In FLL engaged internal mode, the ICSOUT clock is derived from the FLL clock, which is controlled by
the internal reference clock. The FLL loop will lock the frequency to 1024 times the reference frequency,
as selected by the RDIV bits. The ICSLCLK is available for BDC communications, and the internal
reference clock is enabled.
10.4.1.2
FLL Engaged External (FEE)
The FLL engaged external (FEE) mode is entered when all the following conditions occur:
•
CLKS bits are written to 00
•
IREFS bit is written to 0
•
RDIV bits are written to divide reference clock to be within the range of 31.25 kHz to 39.0625 kHz
In FLL engaged external mode, the ICSOUT clock is derived from the FLL clock which is controlled by
the external reference clock.The FLL loop will lock the frequency to 1024 times the reference frequency,
as selected by the RDIV bits. The ICSLCLK is available for BDC communications, and the external
reference clock is enabled.
10.4.1.3
FLL Bypassed Internal (FBI)
The FLL bypassed internal (FBI) mode is entered when all the following conditions occur:
•
CLKS bits are written to 01
•
IREFS bit is written to 1.
•
BDM mode is active or LP bit is written to 0
In FLL bypassed internal mode, the ICSOUT clock is derived from the internal reference clock. The FLL
clock is controlled by the internal reference clock, and the FLL loop will lock the FLL frequency to 1024
times the reference frequency, as selected by the RDIV bits. The ICSLCLK will be available for BDC
communications, and the internal reference clock is enabled.
10.4.1.4
FLL Bypassed Internal Low Power (FBILP)
The FLL bypassed internal low power (FBILP) mode is entered when all the following conditions occur:
•
CLKS bits are written to 01
•
IREFS bit is written to 1.
•
BDM mode is not active and LP bit is written to 1
In FLL bypassed internal low power mode, the ICSOUT clock is derived from the internal reference clock
and the FLL is disabled. The ICSLCLK will be not be available for BDC communications, and the internal
reference clock is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com