Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS08 Datasheet(PDF) 154 Page - NXP Semiconductors

Part # HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Datasheet(HTML) 154 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 150Page - NXP Semiconductors HCS08 Datasheet HTML 151Page - NXP Semiconductors HCS08 Datasheet HTML 152Page - NXP Semiconductors HCS08 Datasheet HTML 153Page - NXP Semiconductors HCS08 Datasheet HTML 154Page - NXP Semiconductors HCS08 Datasheet HTML 155Page - NXP Semiconductors HCS08 Datasheet HTML 156Page - NXP Semiconductors HCS08 Datasheet HTML 157Page - NXP Semiconductors HCS08 Datasheet HTML 158Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 316 page
background image
Internal Clock Source (S08ICSV2)
MC9S08SG8 MCU Series Data Sheet, Rev. 8
154
Freescale Semiconductor
10.3.3
ICS Trim Register (ICSTRM)
10.3.4
ICS Status and Control (ICSSC)
7
6
5
432
1
0
R
TRIM
W
POR:
1
0
0
0
0
0
0
0
Reset:
U
U
U
UUU
U
U
Figure 10-5. ICS Trim Register (ICSTRM)
Table 10-4. ICS Trim Register Field Descriptions
Field
Description
7:0
TRIM
ICS Trim Setting — The TRIM bits control the internal reference clock frequency by controlling the internal
reference clock period. The bits’ effect are binary weighted (i.e., bit 1 will adjust twice as much as bit 0).
Increasing the binary value in TRIM will increase the period, and decreasing the value will decrease the period.
An additional fine trim bit is available in ICSSC as the FTRIM bit.
7
6
5
432
1
0
R
0
0
0
IREFST
CLKST
OSCINIT
FTRIM
W
POR:
Reset:
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
U
Figure 10-6. ICS Status and Control Register (ICSSC)
Table 10-5. ICS Status and Control Register Field Descriptions
Field
Description
7:5
Reserved, should be cleared.
4
IREFST
Internal Reference Status — The IREFST bit indicates the current source for the reference clock. The IREFST
bit does not update immediately after a write to the IREFS bit due to internal synchronization between clock
domains.
0 Source of reference clock is external clock.
1 Source of reference clock is internal clock.
3-2
CLKST
Clock Mode Status — The CLKST bits indicate the current clock mode. The CLKST bits don’t update
immediately after a write to the CLKS bits due to internal synchronization between clock domains.
00
Output of FLL is selected.
01
FLL Bypassed, Internal reference clock is selected.
10
FLL Bypassed, External reference clock is selected.
11
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com