Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 130 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 130 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 126Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 127Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 128Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 129Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 130Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 131Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 132Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 133Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 134Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
Analog-to-Digital Converter
Z8 Encore! XP® F08xA Series
Product Specification
112
3. Write the ADC Control/Status Register 1 to configure the ADC
–
Write to BUFMODE[2:0] to select SINGLE-ENDED or DIFFERENTIAL mode, as
well as unbuffered, buffered, 20x buffered gain (in differential mode only) or
transimpedance mode
–
If the alarm function is required, set ALMHEN and/or ALMLEN
–
Write the REFSELH bit of the pair {REFSELH, REFSELL} to select the internal
voltage reference level or to disable the internal reference. The REFSELH bit is
contained in the ADC Control/Status Register 1.
4. Write to the ADC Control Register 0 to configure the ADC for continuous conversion.
The bit fields in the ADC Control register may be written simultaneously:
–
Write to the ANAIN[3:0] field to select from the available analog input sources
(different input pins available depending on the device)
–
Set CONT to 1 to select continuous conversion.
–
If the internal VREF must be output to a pin, set the REFEXT bit to 1. The
internal voltage reference must be enabled in this case.
–
Write the REFSELL bit of the pair {REFSELH, REFSELL} to select the internal
voltage reference level or to disable the internal reference. The REFSELL bit is
contained in ADC Control Register 0.
–
Set CEN to 1 to start the conversions.
5. When the first conversion in continuous operation is complete (after 5129 system
clock cycles, plus the 40 cycles for power-up, if necessary), the ADC control logic
performs the following operations:
–
CEN
resets to 0 to indicate the first conversion is complete. CEN remains 0 for all
subsequent conversions in continuous operation.
–
An interrupt request is sent to the Interrupt Controller to indicate the conversion is
complete.
6. The ADC writes a new data result every 256 system clock cycles. For each completed
conversion, the ADC control logic performs the following operations:
–
Writes the 11-bit two’s complement result to {ADCD_H[7:0], ADCD_L[7:5]}.
–
If the high and low alarms are disabled, sends an interrupt request to the Interrupt
Controller denoting conversion complete.
–
If the high alarm is enabled and the ADC value is higher than the alarm threshold,
generates an interrupt.
–
If the low alarm is enabled and the ADC value is lower than the alarm threshold,
generates an interrupt.
7. To disable continuous conversion, clear the CONT bit in the ADC Control Register
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com