Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 237 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 237 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 233Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 234Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 235Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 236Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 237Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 238Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 239Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 240Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 241Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 244 page
background image
Z8 Encore! XP® F08xA Series
Product Specification
PS024705-0405
P R E L I M I N A R Y
Index
219
compare 76
compare - extended addressing 174
compare mode 76
compare with carry 174
compare with carry - extended addressing 174
complement 176
complement carry flag 175
condition code 172
continuous conversion (ADC) 111
continuous mode 76
control register definition, UART 95
Control Registers 12, 15
counter modes 76
CP 174
CPC 174
CPCX 174
CPU and peripheral overview 4
CPU control instructions 175
CPX 174
Customer Feedback Form 216
Customer Information 216
D
DA 172, 174
data memory 13
DC characteristics 192
debugger, on-chip 148
DEC 174
decimal adjust 174
decrement 174
decrement and jump non-zero 177
decrement word 174
DECW 174
destination operand 173
device, port availability 31
DI 175
direct address 172
disable interrupts 175
DJNZ 177
dst 173
E
EI 175
electrical characteristics 191
ADC 197
flash memory and timing 196
GPIO input data sample timing 200
watch-dog timer 196, 199
enable interrupt 175
ER 172
extended addressing register 172
external pin reset 23
eZ8 CPU features 4
eZ8 CPU instruction classes 173
eZ8 CPU instruction notation 171
eZ8 CPU instruction set 170
eZ8 CPU instruction summary 178
F
FCTL register 134, 140
features, Z8 Encore! 1
first opcode map 189
FLAGS 173
flags register 173
flash
controller 4
option bit address space 140
option bit configuration - reset 138
program memory address 0000H 141
program memory address 0001H 142
flash memory 126
arrrangement 127
byte programming 132
code protection 130
configurations 126
control register definitions 134, 140
controller bypass 133
electrical characteristics and timing 196
flash control register 134, 140
flash option bits 131
flash status register 134
flow chart 129
frequency high and low byte registers 136
mass erase 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com