Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 238 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 238 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 234Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 235Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 236Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 237Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 238Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 239Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 240Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 241Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 242Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 244 page
background image
Z8 Encore! XP® F08xA Series
Product Specification
PS024705-0405
P R E L I M I N A R Y
Index
220
operation 128
operation timing 130
page erase 132
page select register 135, 136
FPS register 135, 136
FSTAT register 134
G
gated mode 76
general-purpose I/O 31
GPIO 4, 31
alternate functions 32
architecture 31
control register definitions 37
input data sample timing 200
interrupts 36
port A-C pull-up enable sub-registers 41,
42
port A-H address registers 37
port A-H alternate function sub-registers 39
port A-H control registers 38
port A-H data direction sub-registers 38
port A-H high drive enable sub-registers 40
port A-H input data registers 43
port A-H output control sub-registers 40
port A-H output data registers 43, 44
port A-H stop mode recovery sub-registers
41
port availability by device 31
port input timing 201
port output timing 202
H
H 173
HALT 175
halt mode 29, 175
hexadecimal number prefix/suffix 173
I
I2C 4
IM 172
immediate data 172
immediate operand prefix 173
INC 174
increment 174
increment word 174
INCW 174
indexed 172
indirect address prefix 173
indirect register 172
indirect register pair 172
indirect working register 172
indirect working register pair 172
infrared encoder/decoder (IrDA) 104
Instruction Set 170
instruction set, ez8 CPU 170
instructions
ADC 174
ADCX 174
ADD 174
ADDX 174
AND 176
ANDX 176
arithmetic 174
BCLR 175
BIT 175
bit manipulation 175
block transfer 175
BRK 177
BSET 175
BSWAP 175, 177
BTJ 177
BTJNZ 177
BTJZ 177
CALL 177
CCF 175
CLR 176
COM 176
CP 174
CPC 174
CPCX 174
CPU control 175
CPX 174
DA 174
DEC 174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com