Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082ASH020SC Datasheet(PDF) 242 Page - Zilog, Inc.

Part # Z8F082ASH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082ASH020SC Datasheet(HTML) 242 Page - Zilog, Inc.

Back Button Z8F082ASH020SC Datasheet HTML 236Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 237Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 238Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 239Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 240Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 241Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 242Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 243Page - Zilog, Inc. Z8F082ASH020SC Datasheet HTML 244Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 242 / 244 page
background image
Z8 Encore! XP® F08xA Series
Product Specification
PS024705-0405
P R E L I M I N A R Y
Index
224
IrDA data 106
receiving UART data-interrupt-driven method
89
receiving UART data-polled method 88
register 172
ADC control (ADCCTL) 117, 119
ADC data high byte (ADCDH) 120
ADC data low bits (ADCDL) 120
flash control (FCTL) 134, 140
flash high and low byte (FFREQH and
FREEQL) 136
flash page select (FPS) 135, 136
flash status (FSTAT) 134
GPIO port A-H address (PxADDR) 37
GPIO port A-H alternate function sub-regis-
ters 39
GPIO port A-H control address (PxCTL) 38
GPIO port A-H data direction sub-registers
39
OCD control 158
OCD status 159
UARTx baud rate high byte (UxBRH) 101
UARTx baud rate low byte (UxBRL) 101
UARTx Control 0 (UxCTL0) 98, 101
UARTx control 1 (UxCTL1) 99
UARTx receive data (UxRXD) 96
UARTx status 0 (UxSTAT0) 96
UARTx status 1 (UxSTAT1) 97
UARTx transmit data (UxTXD) 95
watch-dog timer control (WDTCTL) 26, 82,
123, 163
watch-dog timer reload high byte (WDTH)
83
watch-dog timer reload low byte (WDTL)
83
watch-dog timer reload upper byte (WDTU)
83
register file 12
register pair 172
register pointer 173
reset
and stop mode characteristics 19
and stop mode recovery 19
carry flag 175
sources 20
RET 177
return 177
Return Information 216
RL 177
RLC 177
rotate and shift instuctions 177
rotate left 177
rotate left through carry 177
rotate right 177
rotate right through carry 177
RP 173
RR 172, 177
rr 172
RRC 177
S
SBC 174
SCF 175
second opcode map after 1FH 190
set carry flag 175
set register pointer 175
shift right arithmatic 177
shift right logical 178
signal descriptions 8
single-sho conversion (ADC) 110
software trap 177
source operand 173
SP 173
SRA 177
src 173
SRL 178
SRP 175
stack pointer 173
STOP 176
stop mode 28, 176
stop mode recovery
sources 24
using a GPIO port pin transition 25, 26
using watch-dog timer time-out 25
SUB 174
subtract 174
subtract - extended addressing 174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com