Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9161BBCZ Datasheet(PDF) 129 Page - Analog Devices

Part # AD9161BBCZ
Description  11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9161BBCZ Datasheet(HTML) 129 Page - Analog Devices

Back Button AD9161BBCZ Datasheet HTML 125Page - Analog Devices AD9161BBCZ Datasheet HTML 126Page - Analog Devices AD9161BBCZ Datasheet HTML 127Page - Analog Devices AD9161BBCZ Datasheet HTML 128Page - Analog Devices AD9161BBCZ Datasheet HTML 129Page - Analog Devices AD9161BBCZ Datasheet HTML 130Page - Analog Devices AD9161BBCZ Datasheet HTML 131Page - Analog Devices AD9161BBCZ Datasheet HTML 132Page - Analog Devices AD9161BBCZ Datasheet HTML 133Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 144 page
background image
Data Sheet
AD9161/AD9162
Rev. D | Page 129 of 144
Hex.
Addr. Name
Bits Bit Name
Settings
Description
Reset
Access
Bit 1 = not in table error (NIT).
Bit 0 = unexpected K (UEK)
character error.
0x480 ECNT_CTRL0
[7:6] RESERVED
Reserved.
0x0
R
[5:3] ECNT_ENA0
Error counter enable for Lane 0.
Counters of each lane are
addressed as follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
[2:0] ECNT_RST0
Error counters enable for Lane
0, active high. Counters of each
lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x481 ECNT_CTRL1
[7:6] RESERVED
Reserved.
0x0
R
[5:3] ECNT_ENA1
Error counters enable for Lane
1, active high. Counters of each
lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
[2:0] ECNT_RST1
Error counters enable for Lane
1, active high. Counters of each
lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x482 ECNT_CTRL2
[7:6] RESERVED
Reserved.
0x0
R
[5:3] ECNT_ENA2
Error counters enable for Lane
2, active high. Counters of each
lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
[2:0] ECNT_RST2
Error counters enable for Lane
2, active high. Counters of each
lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
0x483 ECNT_CTRL3
[7:6] RESERVED
Reserved.
0x0
R
[5:3] ECNT_ENA3
Error counters enable for Lane
3, active high. Counters of each
lane are addressed as follows:
0x7
R/W
Bit 2 = unexpected K (UEK)
character error.
Bit 1 = not in table error (NIT).
Bit 0 = bad disparity error (BDE).
[2:0] ECNT_RST3
Error counters enable for Lane
3, active high. Counters of each
lane are addressed as follows:
0x7
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com