Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 33 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD4697 Datasheet HTML 29Page - Analog Devices AD4697 Datasheet HTML 30Page - Analog Devices AD4697 Datasheet HTML 31Page - Analog Devices AD4697 Datasheet HTML 32Page - Analog Devices AD4697 Datasheet HTML 33Page - Analog Devices AD4697 Datasheet HTML 34Page - Analog Devices AD4697 Datasheet HTML 35Page - Analog Devices AD4697 Datasheet HTML 36Page - Analog Devices AD4697 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 33 of 107
Figure 73. Amplifier and RC Filter Performance vs. Analog Input High-Z Mode Test Circuit
INPUT OVERVOLTAGE PROTECTION CLAMPS
The AD4697/AD4698 include overvoltage protection clamps on
IN0 to IN7 and COM to reduce the risk of device damage from
sustained dc overvoltage events. These clamps eliminate the need
for external clamping diodes in systems where the input driving
circuitry positive supply rail is greater than VREF (see Figure 112).
Table 1 shows the activation, deactivation, and clamping voltages of
the overvoltage protection clamps. Figure 36 and Figure 39 show
the typical behavior of the clamps during overvoltage conditions.
The clamp circuits activate when the analog input voltage exceeds
the activation voltage. The clamps deactivate when the input volt-
age drops below the deactivation voltage. While a clamp is active, a
flag is set in the status registers that can be read by the digital host.
See the Overvoltage Clamp Flags section for a detailed description
of the options for reading the status of each clamp.
The overvoltage protection clamps limit the extent to which input
overvoltage events disturb the reference source. When active, the
clamps limit the voltage on the analog inputs to the specified
clamping voltage and conduct the input current to ground rather
than through the ESD diode connecting the analog input to the
REF input (D1 in Figure 66), which prevents overvoltage conditions
on one analog input from degrading performance on other analog
inputs or other devices sharing the reference. Figure 43 shows the
relationship between a single clamp input current and the resulting
additional reference input current.
Figure 24, Figure 27, and Figure 31 through Figure 33 show
the offset error, gain error, and ac performance for one analog
input channel vs. the total number of active overvoltage protection
clamps on the other inputs.
Each overvoltage protection clamp circuit supports a maximum
sustained current of 5 mA. All nine clamp circuits can sink 5 mA
simultaneously without damaging the device. The clamp current is
a function of VREF, the external series resistance (such as REXT
in Figure 66), and the output voltage of the AFE circuitry. See the
Input Overvoltage Protection Clamps section for details on how to
select REXT to prevent excess clamp current during overvoltage
events.
Overvoltage Reduced Current Mode
The overvoltage reduced current mode further reduces the addition-
al reference current during overvoltage events. Figure 43 shows the
difference between the additional reference input currents drawn
for the different clamp input currents with the overvoltage reduced
current mode enabled and disabled.
The overvoltage reduced current mode is enabled when the
OV_MODE bit in the REF_CTRL register is set to 0. Overvoltage
reduced current mode is enabled by default.
Enabling overvoltage reduced current mode changes the maximum
value of REXT and achieves stable clamp operation. See the Over-
voltage Protection Clamp Stability section for more information on
the relationship between the external RC filter and clamp operation.
Overvoltage Protection Clamp Stability
In applications where analog input overvoltage events are not a
concern, or in applications where clamp stability is not a concern,
the REXT and CEXT values are not required to follow the guidelines
described in this section.
The stability of the overvoltage protection clamp circuits depends
on the external RC filter component values and whether the over-
voltage reduced current mode is enabled or disabled. When a
clamp is unstable, it toggles between the active and inactive states
during overvoltage events. This instability causes small, modulating
currents to flow in both the overdriven input and the reference,
which can result in measurement errors in the conversions of other
analog inputs if the reference circuitry does not have adequate load
regulation to maintain a stable reference voltage in response to
the additional reference current. Table 1 and Figure 43 show the
additional reference input (REF) current per active clamp.
To ensure stable clamp operation, CEXT in the external RC filter
(as shown in Figure 66) must be at least 500 pF. The maximum
value of REXT is 1 kΩ when the overvoltage reduced current mode
is enabled, and 2 kΩ when the overvoltage reduced current mode is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com