Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 41 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD4697 Datasheet HTML 37Page - Analog Devices AD4697 Datasheet HTML 38Page - Analog Devices AD4697 Datasheet HTML 39Page - Analog Devices AD4697 Datasheet HTML 40Page - Analog Devices AD4697 Datasheet HTML 41Page - Analog Devices AD4697 Datasheet HTML 42Page - Analog Devices AD4697 Datasheet HTML 43Page - Analog Devices AD4697 Datasheet HTML 44Page - Analog Devices AD4697 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 41 of 107
input using any of the four channel sequencing modes results in
the same behavior as if the even numbered input were selected
instead. For this reason, it is recommended to only include the even
numbered input in the channel sequence.
Table 15. Register Settings for Channel Sequencing Modes
Channel Sequencing
Mode
STD_SEQ_EN NUM_SLOTS_AS
CYC_CTRL
Standard Sequencer
1
Don’t care
0
Advanced Sequencer
0
0x01 to 0x7F
0
Two-Cycle Command
0
0x00
0
Single-Cycle Command
0
0x00
1
Standard Sequencer
The standard sequencer automates progression through a preprog-
rammed set of enabled channels. The standard sequencer is the
simplest of the four channel sequencing modes and is ideal for
systems with fixed, static channel sequences.
The standard sequencer advances through each enabled channel
in ascending order and repeats the sequence until the device exits
conversion mode. The multiplexer channel is updated to the next
enabled channel each time a conversion result is ready. Figure 76
shows an example where the standard sequencer, three analog
inputs (IN0, IN2, and IN7), and the temperature sensor are enabled
in the sequence with no oversampling on any channel.
The bits in the STD_SEQ_CONFIG register control which chan-
nels are included in the channel sequence when the standard
sequencer is enabled. Each bit in the STD_SEQ_CONFIG register
corresponds to one of the eight analog inputs, and each channel is
enabled if its corresponding bit is set to 1. If the TEMP_EN bit in the
TEMP_CTRL register is set to 1, the temperature sensor is added
to the end of the sequence as well. For the example in
Figure 76, the value programmed into the STD_SEQ_CONFIG
register is 0x0085, and the TEMP_EN bit is set to 1.
To enable the standard sequencer, set the STD_SEQ_EN bit in the
SEQ_CTRL register to 1 and set the CYC_CTRL bit in the setup
register to 0 (see Table 15). The standard sequencer is enabled by
default.
While the AD4697/AD4698 are in register configuration mode when
the STD_SEQ_EN bit in the SEQ_CTRL register is set to 1, the
multiplexer automatically connects the first enabled channel in the
sequence to the ADC core inputs, which allows the ADC to acquire
the signal on that channel even before the device enters conversion
mode.
When the standard sequencer is enabled, the control bits in the
CONFIG_IN0 register determine the configuration settings for all
IN0 to IN7 analog inputs (except for the polarity mode, which is
set for each INn analog input independently with the IN_MODE bit
in the corresponding CONFIG_INn register). Therefore, all analog
inputs have the same pin pairing options, analog input high-Z mode
enable settings, OSR settings, and threshold detection enable
settings.
The multiplexer does not advance to the next channel in the
sequence until the required number of conversions dictated by the
selected channel OSR setting is complete. For example, if the OSR
is set to 16, 16 CNV rising edges are required before the conver-
sion result is ready and the multiplexer selects the next channel in
the sequence. Figure 77 shows an example timing diagram where
the OSR for all channels is set to N. See the Oversampling and
Decimation section for more information.
When the standard sequencer is enabled, each enabled analog
input is sampled once per sequence iteration, which means each
analog input has the same effective sample rate. See the Effective
Channel Sample Rate section for more information.
Advanced Sequencer
The advanced sequencer automates progression through a pre-
programmed channel sequence where the order of the channels is
completely customizable. The advanced sequencer enables highly
flexible sequences of the channels with minimal digital overhead.
The advanced sequencer steps through a set of channel slots,
where each slot can be assigned to any of the eight analog
inputs, and sequences can be between 2 and 128 slots. The
sequence progresses through the enabled slots in ascending order
starting from Slot 0, and the sequence is repeated until the device
exits conversion mode. Figure 77 shows an example where the ad-
vanced sequencer is enabled with four slots enabled and assigned
to IN6, IN5, IN6, and IN3 with the temperature sensor enabled (with
no oversampling on any channel).
The number of slots in the sequence is set with the NUM_
SLOTS_AS bit field in the SEQ_CTRL register. Each slot channel
assignment is set with the SLOT_INX bit field in the AS_SLOTn
registers (located at Register Address 0x100 to Register Ad-
dress 0x17F), where AS_SLOT0 corresponds to Slot 0, AS_SLOT1
corresponds to Slot 1, and so on. Table 60 shows the values of
SLOT_INX for each of the eight analog inputs.
If the TEMP_EN bit in the TEMP_CTRL register is set to 1, the
temperature sensor is appended to the end of the sequence. The
temperature sensor cannot be selected with the SLOT_INX bit field
in the AS_SLOTn registers.
To enable the advanced sequencer, set the STD_SEQ_EN bit to 0,
set the CYC_CTRL bit to 0, and set the NUM_SLOTS_AS bit field
to any value between 1 and 127 (see Table 15).
While the AD4697/AD4698 are in register configuration mode when
the STD_SEQ_EN bit in the SEQ_CTRL register is set to 0, the
multiplexer automatically connects the channel specified in the
AS_SLOT0 register to the ADC core inputs, which allows the ADC
to acquire the signal on that channel even before the device enters
conversion mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com