Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 56 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD4697 Datasheet HTML 52Page - Analog Devices AD4697 Datasheet HTML 53Page - Analog Devices AD4697 Datasheet HTML 54Page - Analog Devices AD4697 Datasheet HTML 55Page - Analog Devices AD4697 Datasheet HTML 56Page - Analog Devices AD4697 Datasheet HTML 57Page - Analog Devices AD4697 Datasheet HTML 58Page - Analog Devices AD4697 Datasheet HTML 59Page - Analog Devices AD4697 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 56 of 107
Conversion Mode Timing Diagrams
Figure 94 to Figure 101 show detailed timing diagrams for perform-
ing analog-to-digital conversions when the AD4697/AD4698 are in
conversion mode with each serial data output mode option (with
autocycle mode disabled).
When the device is in conversion mode, a CNV rising edge initiates
a conversion and enters the conversion phase (see the Converter
Operation section). When a conversion is initiated, it continues until
completion regardless of the state of CNV. When the standard
sequencer, advanced sequencer, or two-cycle command mode is
enabled, the device enters the acquisition phase before the con-
version phase is complete. When single-cycle command mode is
enabled, the device enters the acquisition phase after the sixth SCK
rising edge in the SPI frame. Figure 94 to Figure 99 and Figure 101
show tACQ when the standard sequencer, advanced sequencer, or
two-cycle command mode is enabled. Figure 100 shows tACQ when
single-cycle command mode is enabled.
CS frames the conversion result data. While CS is high, SCK edges
are ignored, and all pins assigned as serial data outputs are high
impedance. While CS is low, data is clocked out with the MSB first
on one or more serial data outputs on the SCK falling edges, and
data is latched in on the SDI on the SCK rising edges.
CNV and CS can be tied together and driven by the chip select
of the host SPI to minimize the number of digital signals required
to interface with the AD4697/AD4698 (see the SPI Peripheral
Connections section). Figure 101 shows a timing diagram of the
AD4697/AD4698 interfacing with a 4-wire SPI with the CNV and CS
signals tied together.
The conversion phase must be complete before the digital host
provides the first SCK falling edge. The digital host can use the
busy indicator falling edge to detect the end of the conversion
phase and to begin clocking out the ADC results. Otherwise, the
digital host must include a delay dictated by the conversion time
specification (tCONVERT) in Table 2 between the CNV rising edge
and the first SCK falling edge.
The 5-bit SDI commands shown in Table 18 are latched in on the
SDI on the first five SCK rising edges in the SPI frame. The register
configuration mode command instructs the AD4697/AD4698 to exit
conversion mode and enter register configuration mode (see the
Register Configuration Mode Command section). The channel se-
lect commands in Table 18 are only used when two-cycle command
mode or single-cycle command mode is enabled. These commands
are interpreted as NOOP commands when the standard sequencer
or the advanced sequencer is enabled (see the Channel Sequenc-
ing Modes section).
To ensure optimal performance, there must be a sufficient delay
between the final SCK edge and the next CNV rising edge, and
there must be no SCK activity until the conversion time has elapsed
(see tSCKCNV in Table 2 and Figure 94 to Figure 101).
The SDO_STATE bit in the setup register determines the behavior
of the serial data output(s) at the beginning and the end of the
conversion mode SPI frames. When the SDO_STATE bit is set to
0, the serial data output(s) hold their final value(s) until the MSB of
the next conversion result is clocked out. The serial data output(s)
remain in this state even if multiple extra SCK falling edges occur
after the full result is shifted out. The serial data output(s) are forced
to high impedance when CS is brought high, but return to the
previous state after CS is brought low again. Figure 94, Figure 96
and Figure 98 show the behavior of the serial data output(s) when
SDO_STATE is set to 0. SDO_STATE is set to 0 by default.
When SDO_STATE is set to 1, the busy indicator is enabled on
the serial data output(s) (see the Busy Indicator section). The serial
data output(s) are forced to high impedance if any SCK falling
edges occur after the final bits of the result are already clocked
out, or when CNV or CS is brought high. When a CNV rising
edge initiates a conversion, the serial data output(s) remain high
impedance until the conversion phase is complete, and the result
is available to be read over the SPI. The serial data output(s) are
driven low when the data is ready. If the current selected channel
has an OSR greater than 1, the serial data output(s) are driven low
after the oversampled result is ready. Note that CS must be driven
low for the busy indicator to appear on the serial data output(s).
When the busy indicator is enabled on a general-purpose pin,
the selected general-purpose pin is driven high after a CNV rising
edge and is driven low when the conversion is complete (see the
Busy Indicator on General-Purpose Pins section). The BUSY signal
in Figure 94 to Figure 100 represents the general-purpose pin as-
signed as the busy indicator. Figure 78 in the Channel Sequencing
Modes section shows the relative timing of the CNV rising edge and
the busy indicator for OSR settings of 1 and greater than 1.
When the threshold detection alert indicator is enabled on a gener-
al-purpose pin, the selected general-purpose pin reflects the value
of the TD_ALERT bit in the status register. The ALERT signal in
Figure 94 to Figure 99 represents the general-purpose pin assigned
as the alert indicator. Figure 78 in the Channel Sequencing Modes
section show the relative timing of the CNV rising edge and the
alert indicator for OSR settings of 1 and greater than 1.
Register Configuration Mode Command
The register configuration mode command is a 5-bit command
written on the SDI that instructs the device to exit conversion mode
and enter register configuration mode. The register configuration
mode command is 0x0A. Figure 102 shows the relative timing of
the register configuration mode command and the AD4697/AD4698
entering register configuration mode.
The register configuration mode command is clocked in on the SDI
on the first five SCK rising edges after a conversion. When the
register configuration mode command is received, the subsequent
rising edge on CS places the AD4697/AD4698 in register configu-
ration mode. The digital host must wait for the tREGCONFIG delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com