Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 90 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD4697 Datasheet HTML 86Page - Analog Devices AD4697 Datasheet HTML 87Page - Analog Devices AD4697 Datasheet HTML 88Page - Analog Devices AD4697 Datasheet HTML 89Page - Analog Devices AD4697 Datasheet HTML 90Page - Analog Devices AD4697 Datasheet HTML 91Page - Analog Devices AD4697 Datasheet HTML 92Page - Analog Devices AD4697 Datasheet HTML 93Page - Analog Devices AD4697 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 90 of 107
Table 31. Configuration Register Names and Descriptions
Address
Name
Description
Length
Reset
Access
0x00C0 to 0x00CE
GAIN_INn
INn gain correction
Multibyte
0x8000
R/W
0x0100 to 0x017F
AS_SLOTn
Advanced sequencer slot
Single byte
0x00
R/W
REGISTER DETAILS
SPI Configuration A Register
Address: 0x0000, Reset: 0x10, Name: SPI_CONFIG_A
Table 32. Bit Descriptions for SPI_CONFIG_A
Bits
Bit Name
Description
Reset
Access
7
SW_RST_MSB
Software Reset Bit (MSB). Setting both the SW_RST_MSB bit and SW_RST_LSB bit to 1 initiates a software reset
of the device, which resets all registers except the SPI_CONFIG_A register to the default power-up state (see the
Software Reset section).
0x0
R/W
6
RESERVED
Reserved.
0x0
R
5
ADDR_DIR
Address Direction Bit. This bit determines sequential addressing behavior when performing register reads and writes on
multiple bytes of data in a single data phase (see the Address Direction Options section).
0x0
R/W
0: selects the descending address option.
1: selects the ascending address option.
[4:1]
RESERVED
Reserved.
0x8
R
0
SW_RST_LSB
Software Reset Bit (LSB). Setting both the SW_RST_MSB and SW_RST_LSB bits to 1 initiates a software reset of the
device, which resets all registers except the SPI_CONFIG_A register to the default power-up state (see the Software
Reset section).
0x0
R/W
SPI Configuration B Register
Address: 0x0001, Reset: 0x00, Name: SPI_CONFIG_B
Table 33. Bit Descriptions for SPI_CONFIG_B
Bits
Bit Name
Description
Reset
Access
7
INST_MODE
Streaming or Single Instruction Mode Select Bit. This bit selects between streaming mode and single instruction mode
(see the Streaming Mode section and the Single Instruction Mode section).
0x0
R/W
0: enables streaming mode.
1: enables single instruction mode.
[6:4]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com