Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 84 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 84 Page - Analog Devices

Back Button AD4697 Datasheet HTML 80Page - Analog Devices AD4697 Datasheet HTML 81Page - Analog Devices AD4697 Datasheet HTML 82Page - Analog Devices AD4697 Datasheet HTML 83Page - Analog Devices AD4697 Datasheet HTML 84Page - Analog Devices AD4697 Datasheet HTML 85Page - Analog Devices AD4697 Datasheet HTML 86Page - Analog Devices AD4697 Datasheet HTML 87Page - Analog Devices AD4697 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 84 of 107
Table 28. Minimum fSCK Requirements vs. Sample Rate and Serial Data Output Modes (OSR = 1)
Sample Rate (kSPS)
Status Bits1
Single-SDO Mode
Dual-SDO Mode
Quad-SDO Mode
1000 (AD4698 Only)
Disabled
32 MHz
16 MHz
8 MHz
1000 (AD4698 Only)
Enabled
48 MHz
24 MHz
12 MHz
500
Disabled
11 MHz
5.5 MHz
2.75 MHz
500
Enabled
16 MHz
8 MHz
4 MHz
100
Disabled
2 MHz
1 MHz
500 kHz
100
Enabled
2.6 MHz
1.3 MHz
650 kHz
1 In the calculations in Table 28, NBITS = 16 when status bits are disabled and NBITS = 24 when status bits are enabled.
RESET Connection Recommendations
The RESET input allows the digital host to trigger a full device reset
with a GPIO (see the Hardware Reset section). The RESET input is
active low and must be driven low to initiate a hardware reset. The
AD4697/AD4698 remain in the reset state until the RESET input is
driven high.
Hardware resets are not required to operate the AD4697/AD4698
because the SPI provides a software reset option (see the Software
Reset section). For systems not utilizing hardware reset functionali-
ty, tie the RESET input to VIO to ensure it is pulled high during
device operation.
To utilize hardware resets, connect the RESET input to a GPIO
or equivalent digital output from the digital host. The signal driving
RESET must idle high. It is recommended to also include a weak
pull-up resistor to VIO on the RESET input to ensure it is pulled
high until the digital host output is in a defined state. The host firm-
ware function for performing hardware resets must pulse RESET
low following the timing requirements in Figure 104.
DEVICE CONFIGURATION
RECOMMENDATIONS
The following are recommendations for configuring the desired
AD4697/AD4698 features and settings via the configuration regis-
ters described in the Register Information section.
The AD4697/AD4698 must be in register configuration mode to ac-
cess the configuration registers via the SPI. The AD4697/AD4698
enter register configuration mode on device power-up and following
device resets. The settings in the configuration registers must be
properly programmed for the specific application prior to entering
conversion mode and performing conversions.
On device power-up, it is recommended to perform either a hard-
ware or software reset as described in the Device Reset section.
First, program the contents of the SPI_CONFIG_A, SPI_CON-
FIG_B, and SPI_CONFIG_C registers to the desired settings to
ensure the AD4697/AD4698 SPI protocol is configured to be com-
patible with the digital host (see the Register Configuration Mode
section). The scratch pad register (SCRATCH_PAD) allows the
digital host to validate communications with the AD4697/AD4698 by
writing test values and reading them back without affecting device
settings.
When using the internal reference buffer (WLCSP only), it is recom-
mended to configure the REF_CTRL register contents as soon as
possible to give ample time for the output of the internal reference
buffer to settle while configuring the remaining registers (as descri-
bed in the Optimizing Reference Buffer Startup section). When
not using the internal reference buffer, the timing for updating the
REF_CTRL register is not important, but the REF_CTRL register
must be updated before entering conversion mode if the required
reference input high-Z mode enable setting, VREF_SET setting, or
overvoltage reduced current mode setting are different from their
default settings (see Table 46).
Next, when powering VDD externally, it is recommended to disable
the internal LDO by setting the LDO_EN bit in the setup register to
0 (see the Internal LDO section). Note that setting the SPI_MODE
bit to a 1 puts the AD4697/AD4698 into conversion mode. Ensure
that SPI_MODE is set to 0 until the remaining configuration regis-
ters are properly configured.
Next, configure the channel sequencing registers for the desired
channel sequencing mode. The SEQ_CTRL register contains the
STD_SEQ_EN bit and NUM_SLOTS_AS bit field, which must be
configured to select the desired channel sequencing mode. By de-
fault, the STD_SEQ_EN bit is set to 1, which selects the standard
sequencer (see Table 47).
If using the standard sequencer, ensure the STD_SEQ_EN bit is
set to 1, and then program the STD_SEQ_CONFIG register and
TEMP_CTRL register to select the channels for the sequence (see
Table 49 and Table 53).
If using the advanced sequencer, update the SEQ_CTRL register
to set the STD_SEQ_EN bit to 0 and set the NUM_SLOTS_AS
bit field to the desired number of advanced sequencer slots, and
program the appropriate number of AS_SLOTn registers and the
TEMP_CTRL register to implement the desired channel sequence
(see Table 60 and Table 53).
If using either two-cycle command mode or single-cycle command
mode, update the SEQ_CTRL register to set the STD_SEQ_EN
bit to 0 but keep the NUM_SLOTS_AS bit field set to 0x0. The
CYC_CTRL bit must also be set to select between two-cycle and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com