Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 72 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD4697 Datasheet HTML 68Page - Analog Devices AD4697 Datasheet HTML 69Page - Analog Devices AD4697 Datasheet HTML 70Page - Analog Devices AD4697 Datasheet HTML 71Page - Analog Devices AD4697 Datasheet HTML 72Page - Analog Devices AD4697 Datasheet HTML 73Page - Analog Devices AD4697 Datasheet HTML 74Page - Analog Devices AD4697 Datasheet HTML 75Page - Analog Devices AD4697 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 72 of 107
Analog Front-End Noise in Pseudobipolar
Mode
When configuring a channel in pseudobipolar mode, typically a
second AFE circuit is required to drive the negative side input
to VRREF/2 V (as described in the Channel Configuration Options
section). In this case, the RTO rms noise of the additional AFE
(vn_AFE2) is added to the rss equation to calculate the total system
rms noise:
vn_TOTAL= vn_AFE2+vn_AFE22+vn_ADC2 (13)
Note that the bandwidth of the RC filter and values of REXT and
CEXT cannot be set arbitrarily low due to the settling requirements
of the AD4697/AD4698 analog inputs. Refer to the Signal Settling
Requirements section for guidelines on selecting the optimal RC
filter components for the target sample rate.
Guidelines for Driver Amplifier Selection
The following is a list of guidelines for selecting the amplifier(s)
used in the AD4697/AD4698 AFE based on the end system re-
quirements.
The amplifier voltage and current noise specifications must be
sufficiently low to achieve the desired rms noise and dynamic
range performance, as described in the Analog Front-End Noise
Considerations section.
The distortion performance of the amplifier must be sufficient to
achieve desired THD performance. To meet the AD4697/AD4698
THD data sheet specification, the amplifier circuit must have lower
or comparable distortion specifications.
The small signal bandwidth of the amplifier must be sufficiently
higher than the minimum bandwidth required to adequately settle
the voltage steps that occur when switching between two analog
input channels, as described in the Signal Settling Requirements
section.
The amplifier must also have sufficient supply headroom to ade-
quately output a full-scale signal to the AD4697/AD4698 analog
inputs (see the input voltage range specification in Table 1). Refer
to the input and output headroom requirements in the amplifier
data sheet to determine the supply voltages required to support the
desired full-scale range for the given channel.
The ADA4805-1 and ADA4807-1 and their dual- and quad-amplifier
models are suitable amplifiers for channels acquiring ac waveforms,
due to their exceptionally low noise and distortion and high band-
width.
The ADA4610-1 and ADA4077-1 and their dual- and quad-amplifier
models are suitable amplifiers for channels monitoring dc or low
frequency signals that require high precision. It is recommended to
enable analog input high-Z mode on the AD4697/AD4698 analog
input channels when driven directly by the ADA4610-1, ADA4077-1,
or amplifiers with similar bandwidth specifications to ensure ade-
quate settling performance (see the Signal Settling Requirements
section and Analog Input High-Z Mode section).
Table 26. Recommended Amplifier and External RC Filter Component Selection
Input Signal Bandwidth (kHz)
Sample Rate
Amplifier
REXT (Ω)
CEXT (pF)
≤10
≤1 MSPS
ADA4805-1/ADA4805-2
390
180
ADA4807-1/ADA4807-2/ADA4807-4
390
180
ADA4610-1/ADA4610-2/ADA4610-4
680
180
ADA4077-1/ADA4077-2/ADA4077-4
680
180
≤500 kSPS
ADA4805-1/ADA4805-2
680
180
ADA4807-1/ADA4807-2/ADA4807-4
680
180
ADA4610-1/ADA4610-2/ADA4610-4
680
470
ADA4077-1/ADA4077-2/ADA4077-4
680
470
>10
≤1 MSPS
ADA4805-1/ADA4805-2
200
180
ADA4807-1/ADA4807-2/ADA4807-4
200
180
ADA4896-2
200
180
≤500 kSPS
ADA4805-1/ADA4805-2
390
180
ADA4807-1/ADA4807-2/ADA4807-4
390
180
ADA4896-2
390
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com