Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 95 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 95 Page - Analog Devices

Back Button AD4697 Datasheet HTML 91Page - Analog Devices AD4697 Datasheet HTML 92Page - Analog Devices AD4697 Datasheet HTML 93Page - Analog Devices AD4697 Datasheet HTML 94Page - Analog Devices AD4697 Datasheet HTML 95Page - Analog Devices AD4697 Datasheet HTML 96Page - Analog Devices AD4697 Datasheet HTML 97Page - Analog Devices AD4697 Datasheet HTML 98Page - Analog Devices AD4697 Datasheet HTML 99Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 95 of 107
Alert Status (IN0 to IN3) Register
Address: 0x0015, Reset: 0x00, Name: ALERT_STATUS1
Table 42. Bit Descriptions for ALERT_STATUS1
Bits
Bit Name
Description
Reset
Access
7
LO_IN3
IN3 Lower Alert Indicator. This bit is set to 1 when a conversion result for IN3 is less than or equal to the IN3 lower
threshold value. This indicator is only active if the threshold detection is enabled on IN3 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN3 conversion is within the range set by the HYSTERESIS field in the HYST_IN3
register (see the Alert Indicator Registers section).
0x0
R
6
HI_IN3
IN3 Upper Alert Indicator. This bit is set to 1 when a conversion result for IN3 is greater than or equal to the IN3 upper
threshold value. This indicator is only active if the threshold detection is enabled on IN3 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN3 conversion is within the range set by the HYSTERESIS field in the HYST_IN3
register (see the Alert Indicator Registers section).
0x0
R
5
LO_IN2
IN2 Lower Alert Indicator. This bit is set to 1 when a conversion result for IN2 is less than or equal to the IN2 lower
threshold value. This indicator is only active if the threshold detection is enabled on IN2 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN2 conversion is within the range set by the HYSTERESIS field in the HYST_IN2
register (see the Alert Indicator Registers section).
0x0
R
4
HI_IN2
IN2 Upper Alert Indicator. This bit is set to 1 when a conversion result for IN2 is greater than or equal to the IN2 upper
threshold value. This indicator is only active if the threshold detection is enabled on IN2 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN2 conversion is within the range set by the HYSTERESIS field in the HYST_IN2
register (see the Alert Indicator Registers section).
0x0
R
3
LO_IN1
IN1 Lower Alert Indicator. This bit is set to 1 when a conversion result for IN1 is less than or equal to the IN1 lower
threshold value. This indicator is only active if the threshold detection is enabled on IN1 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN1 conversion is within the range set by the HYSTERESIS field in the HYST_IN1
register (see the Alert Indicator Registers section).
0x0
R
2
HI_IN1
IN1 Upper Alert Indicator. This bit is set to 1 when a conversion result for IN1 is greater than or equal to the IN1 upper
threshold value. This indicator is only active if the threshold detection is enabled on IN1 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN1 conversion is within the range set by the HYSTERESIS field in the HYST_IN1
register (see the Alert Indicator Registers section).
0x0
R
1
LO_IN0
IN0 Lower Alert Indicator. This bit is set to 1 when a conversion result for IN0 is less than or equal to the IN0 lower
threshold value. This indicator is only active if the threshold detection is enabled on IN0 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN0 conversion is within the range set by the HYSTERESIS field in the HYST_IN0
register (see the Alert Indicator Registers section).
0x0
R
0
HI_IN0
IN0 Upper Alert Indicator. This bit is set to 1 when a conversion result for IN0 is greater than or equal to the IN0 upper
threshold value. This indicator is only active if the threshold detection is enabled on IN0 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com