Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 1 Page - Analog Devices

  AD4697 Datasheet HTML 1Page - Analog Devices AD4697 Datasheet HTML 2Page - Analog Devices AD4697 Datasheet HTML 3Page - Analog Devices AD4697 Datasheet HTML 4Page - Analog Devices AD4697 Datasheet HTML 5Page - Analog Devices AD4697 Datasheet HTML 6Page - Analog Devices AD4697 Datasheet HTML 7Page - Analog Devices AD4697 Datasheet HTML 8Page - Analog Devices AD4697 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
Data Sheet
AD4697/AD4698
16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Easy Drive
►
Reduced analog input and reference drive requirements
►
On-chip reference buffer (WLCSP only)
►
Overvoltage protection up to 5 mA on each analog input
►
Long acquisition phase, ≥71.5% (715 ns/1000 ns) of cycle
time at 1 MSPS
►
High performance
►
Sample rate: 500 kSPS (AD4697) or 1 MSPS (AD4698)
►
INL: ±1 LSB maximum
►
Guaranteed 16-bit, no missing codes
►
SINAD: 93 dB typical, fIN = 1 kHz
►
Oversampled dynamic range: 111.2 dB, OSR = 64
►
Small footprint, high channel density
►
24-lead, 4.00 mm × 4.00 mm LFCSP
►
36-lead, 2.960 mm × 2.960 mm WLCSP
►
Easy Drive features support system level designs with fewer
components
►
Enhanced digital functionality
►
First conversion accurate, no latency or pipeline delay
►
Fast conversion time and dual-/quad-SDO modes allow low
SPI clock rates
►
Customizable channel sequencer
►
On-chip oversampling and decimation
►
Threshold detection alerts
►
Offset and gain correction
►
Autonomous conversion (autocycle) mode
►
1.14 V to 1.98 V logic SPI
►
Low power
►
8 mW at fS = 1 MSPS and 4 mW at fS = 500 kSPS
►
4 µW standby power dissipation with the internal LDO disa-
bled
►
Internal LDO enables 3.15 V to 5.5 V, single analog supply
operation
►
Wide operating temperature range: −40°C to +125°C
APPLICATIONS
►
Photodiode monitoring
►
Medical instrumentation
►
Vital signs monitoring
►
Electronic test and measurement
►
Automated test equipment
►
Instrumentation and process control
►
Battery-powered equipment
GENERAL DESCRIPTION
The AD4697/AD4698 are compact, high accuracy, low power,
8-channel, 16-bit, 500 kSPS/1 MSPS, multiplexed input precision,
successive approximation register (SAR) analog-to-digital convert-
ers (ADCs) with Easy Drive features and extensive digital function-
ality.
The AD4697/AD4698 are optimal for use in space constrained,
multichannel, precision data acquisition systems and monitoring
circuits. The AD4697/AD4698 feature a true 16-bit SAR ADC core
with no missing codes, an 8-channel, low crosstalk multiplexer, a
flexible channel sequencer, overvoltage protection clamp circuits on
each analog input, on-chip oversampling and decimation, threshold
detection and alert indicators, and an autonomous conversion (au-
tocycle) mode.
The AD4697/AD4698 Easy Drive features relax the drive require-
ments of the analog front end (AFE) and reference circuitry. Analog
input high-Z mode and reference input high‑Z mode simplify system
designs, reduce component count, and increase channel density
by removing the need for dedicated high speed ADC drivers and
reference buffers. The WLCSP option of the AD4698 includes an
internal reference buffer, which provides a true, buffered reference
input.
Input overvoltage protection clamps on each analog input protect
the AD4697/AD4698 from overvoltage events and prevent overvolt-
age events on one channel from degrading performance on other
channels (see Figure 27).
Advanced digital functionality makes the AD4697/AD4698 compati-
ble with a variety of low power digital hosts. The low serial periph-
eral interface (SPI) clock rate requirements, on-chip customizable
channel sequencers, and oversampling and decimation reduce the
burden on the digital host system. Autocycle mode and threshold
detection features enable low power, interrupt driven firmware de-
sign by performing conversions autonomously and generating alerts
based on channel specific threshold limits.
The AD4697/AD4698 are available in a 4.00 mm × 4.00 mm,
24-lead lead frame chip scale package (LFCSP) and the AD4698 is
available in a 2.960 mm × 2.960 mm, 36-lead wafer level chip scale
package (WLCSP). All packages are specified with operation from
−40°C to +125°C.


Similar Part No. - AD4697

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4691 AD-AD4691 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCBZ-RL7 AD-AD4691BCBZ-RL7 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCPZ AD-AD4691BCPZ Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4691BCPZ-RL7 AD-AD4691BCPZ-RL7 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
AD4692 AD-AD4692 Datasheet
2Mb / 81P
16-Channel, Easy Drive Multiplexed SAR ADC with Averaging Filters Per Channel
Rev. 0
More results

Similar Description - AD4697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8168 TI1-ADS8168 Datasheet
976Kb / 78P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166_18 Datasheet
1Mb / 83P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166_1812 TI1-ADS8166_1812 Datasheet
2Mb / 93P
8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166 TI1-ADS8166_19 Datasheet
2Mb / 93P
8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
logo
Analog Devices
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4695 AD-AD4695 Datasheet
1Mb / 96P
16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
12/2020-Revision 0
logo
Microchip Technology
MCP33131 MICROCHIP-MCP33131 Datasheet
2Mb / 54P
1 Msps/500 kSPS 16/14/12-Bit Single-Ended Input SAR ADC
10/25/17
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com