Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 97 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD4697 Datasheet HTML 93Page - Analog Devices AD4697 Datasheet HTML 94Page - Analog Devices AD4697 Datasheet HTML 95Page - Analog Devices AD4697 Datasheet HTML 96Page - Analog Devices AD4697 Datasheet HTML 97Page - Analog Devices AD4697 Datasheet HTML 98Page - Analog Devices AD4697 Datasheet HTML 99Page - Analog Devices AD4697 Datasheet HTML 100Page - Analog Devices AD4697 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 97 of 107
Table 43. Bit Descriptions for ALERT_STATUS2
Bits
Bit Name
Description
Reset
Access
automatically clears if a subsequent IN4 conversion is within the range set by the HYSTERESIS field in the HYST_IN4
register (see the Alert Indicator Registers section).
0
HI_IN4
IN4 Upper Alert Indicator. This bit is set to 1 when a conversion result for IN4 is greater than or equal to the IN4 upper
threshold value. This indicator is only active if the threshold detection is enabled on IN4 (see the Threshold Detection and
Alert Indicators section). This bit is read to clear. When the ALERT_MODE bit in the setup register is set to 1, this bit also
automatically clears if a subsequent IN4 conversion is within the range set by the HYSTERESIS field in the HYST_IN4
register (see the Alert Indicator Registers section).
0x0
R
Clamp Status Register
Address: 0x001A, Reset: 0x00, Name: CLAMP_STATUS
Table 44. Bit Descriptions for CLAMP_STATUS
Bits
Bit Name
Description
Reset
Access
[7:0]
INX_CLAMP_FLAG[7:0]
INx Overvoltage Clamp Flags. This field indicates if the INx overvoltage protection clamps are
active because of an overvoltage event. Each bit corresponds to one of the analog inputs (IN0 to
IN7), where INX_CLAMP_FLAG, Bit x corresponds to the INx overvoltage protection clamp status.
INX_CLAMP_FLAG, Bit x is set to 1 when the INx overvoltage protection clamp is active. These bits are
not sticky and are automatically cleared when the corresponding overvoltage protection clamp deactivates.
0x0
R
Device Setup Register
Address: 0x0020, Reset: 0x10, Name: Setup
Table 45. Bit Descriptions for Setup
Bits
Bit Name
Description
Reset
Access
7
ALERT_MODE
Alert Mode Select Bit. This bit determines how the upper and lower alert indicators (HI_INn and LO_INn) are cleared
(see the Alert Indicator Registers section).
0x0
R/W
0: hysteresis enabled.
1: hysteresis disabled.
6
SDO_STATE
SDO State Select Bit. This bit determines the behavior of serial data output(s) at the beginning and end of conversion
mode SPI frames (see the Conversion Mode Timing Diagrams section).
0x0
R/W
0: serial data output(s) hold the final value until the MSB of the next conversion data is clocked out.
1: busy indicator is enabled on the serial data output(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com