Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 101 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 101 Page - Analog Devices

Back Button AD4697 Datasheet HTML 97Page - Analog Devices AD4697 Datasheet HTML 98Page - Analog Devices AD4697 Datasheet HTML 99Page - Analog Devices AD4697 Datasheet HTML 100Page - Analog Devices AD4697 Datasheet HTML 101Page - Analog Devices AD4697 Datasheet HTML 102Page - Analog Devices AD4697 Datasheet HTML 103Page - Analog Devices AD4697 Datasheet HTML 104Page - Analog Devices AD4697 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 101 of 107
Table 49. Bit Descriptions for STD_SEQ_CONFIG
Bits
Bit Name
Description
Reset
Access
6
IN6_EN
IN6 Standard Sequencer Enable Bit. When This bit is set to 1, IN6 is included in the channel sequence when the
standard sequencer is enabled (see the Standard Sequencer section).
0x0
R/W
5
IN5_EN
IN5 Standard Sequencer Enable Bit. When This bit is set to 1, IN5 is included in the channel sequence when the
standard sequencer is enabled (see the Standard Sequencer section).
0x0
R/W
4
IN4_EN
IN4 Standard Sequencer Enable Bit. When This bit is set to 1, IN4 is included in the channel sequence when the
standard sequencer is enabled (see the Standard Sequencer section).
0x0
R/W
3
IN3_EN
IN3 Standard Sequencer Enable Bit. When This bit is set to 1, IN3 is included in the channel sequence when the
standard sequencer is enabled (see the Standard Sequencer section).
0x0
R/W
2
IN2_EN
IN2 Standard Sequencer Enable Bit. When This bit is set to 1, IN2 is included in the channel sequence when the
standard sequencer is enabled (see the Standard Sequencer section).
0x0
R/W
1
IN1_EN
IN1 Standard Sequencer Enable Bit. When This bit is set to 1, IN1 is included in the channel sequence when the
standard sequencer is enabled (see the Standard Sequencer section).
0x0
R/W
0
IN0_EN
IN0 Standard Sequencer Enable Bit. When This bit is set to 1, IN0 is included in the channel sequence when the
standard sequencer is enabled (see the Standard Sequencer section).
0x1
R/W
GPIO Enable Register
Address: 0x0026, Reset: 0x00, Name: GPIO_CTRL
Table 50. Bit Descriptions for GPIO_CTRL
Bits
Bit Name
Description
Reset
Access
7
GPI3_EN
GP3 GPI Enable Bit. Configures the GP3 pin as a general-purpose input if the higher priority functions are disabled (see
the GPIO section). This bit is only active on the WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: general-purpose input function on GP3 disabled.
1: general-purpose input function on GP3 enabled.
6
GPI2_EN
GP2 GPI Enable Bit. Configures the GP2 pin as a general-purpose input if the higher priority functions are disabled (see
the GPIO section). This bit is only active on the WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: general-purpose input function on GP2 disabled.
1: general-purpose input function on GP2 enabled.
5
GPI1_EN
GP1 GPI Enable Bit. Configures the GP1 pin as a general-purpose input if the higher priority functions are disabled (see
the GPIO section). This bit is only active on the WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: general-purpose input function on GP1 disabled.
1: general-purpose input function on GP1 enabled.
4
GPI0_EN
BSY_ALT_GP0 GPI Enable Bit. Configures the BSY_ALT_GP0 pin as a general-purpose input if the higher priority
functions are disabled (see the GPIO section).
0x0
R/W
0: general-purpose input function on BSY_ALT_GP0 disabled.
1: general-purpose input function on BSY_ALT_GP0 enabled.
3
GPO3_EN
GP3 GPO Enable Bit. Configures the GP3 pin as a general-purpose output if the higher priority functions are disabled (see
the GPIO section). This bit is only active on the WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: general-purpose output function on GP3 disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com