Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 100 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD4697 Datasheet HTML 96Page - Analog Devices AD4697 Datasheet HTML 97Page - Analog Devices AD4697 Datasheet HTML 98Page - Analog Devices AD4697 Datasheet HTML 99Page - Analog Devices AD4697 Datasheet HTML 100Page - Analog Devices AD4697 Datasheet HTML 101Page - Analog Devices AD4697 Datasheet HTML 102Page - Analog Devices AD4697 Datasheet HTML 103Page - Analog Devices AD4697 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 100 of 107
Autocycle Control Register
Address: 0x0023, Reset: 0x00, Name: AC_CTRL
Table 48. Bit Descriptions for AC_CTRL
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
[3:1]
AC_CYC
Autocycle Mode Conversion Period Select. This field sets the period of the internal convert start signal when autocycle
mode is enabled (see the Autocycle Mode section).
0x0
R/W
0x0: autocycle conversion period = 10 μs.
0x1: autocycle conversion period = 20 μs.
0x2: autocycle conversion period = 40 μs.
0x3: autocycle conversion period = 80 μs.
0x4: autocycle conversion period = 100 μs.
0x5: autocycle conversion period = 200 μs.
0x6: autocycle conversion period = 400 μs.
0x7: autocycle conversion period = 800 μs.
0
AC_EN
Autocycle Mode Enable Bit. This bit enables or disables autocycle mode (see the Autocycle Mode section).
0x0
R/W
0: autocycle mode disabled.
1: autocycle mode enabled.
Standard Sequencer Configuration Register
Address: 0x0024, Reset: 0x0001, Name: STD_SEQ_CONFIG
Table 49. Bit Descriptions for STD_SEQ_CONFIG
Bits
Bit Name
Description
Reset
Access
[15:8]
RESERVED
Reserved.
0x00
R
7
IN7_EN
IN7 Standard Sequencer Enable Bit. When This bit is set to 1, IN7 is included in the channel sequence when the
standard sequencer is enabled (see the Standard Sequencer section).
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com