Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 103 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 103 Page - Analog Devices

Back Button AD4697 Datasheet HTML 99Page - Analog Devices AD4697 Datasheet HTML 100Page - Analog Devices AD4697 Datasheet HTML 101Page - Analog Devices AD4697 Datasheet HTML 102Page - Analog Devices AD4697 Datasheet HTML 103Page - Analog Devices AD4697 Datasheet HTML 104Page - Analog Devices AD4697 Datasheet HTML 105Page - Analog Devices AD4697 Datasheet HTML 106Page - Analog Devices AD4697 Datasheet HTML 107Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 103 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 103 of 107
Table 51. Bit Descriptions for GP_MODE
Bits
Bit Name
Description
Reset
Access
0x2: (WLCSP option): quad-SDO mode enabled.
0x3: single-SDO mode enabled.
1
BUSY_GP_EN
Busy Indicator on General-Purpose Pin Enable Bit. Enables or disables the busy indicator on the general-purpose
pin selected by the BUSY_GP_SEL bit if all higher priority functions are disabled (see the General-Purpose Pins
section).
0x0
R/W
0: busy indicator on the general-purpose pin function disabled.
1: busy indicator on the general-purpose pin function enabled.
0
ALERT_GP_EN
Alert Indicator on General-Purpose Pin Enable Bit. Enables or disables the alert indicator on the general-purpose
pin selected by the ALERT_GP_SEL bit if all higher priority functions are disabled (see the General-Purpose Pins
section).
0x0
R/W
0: alert indicator on the general-purpose pin function disabled.
1: alert indicator on the general-purpose pin function enabled.
GPIO State Register
Address: 0x0028, Reset: 0x00, Name: GPIO_STATE
Table 52. Bit Descriptions for GPIO_STATE
Bits
Bit Name
Description
Reset
Access
[7:4]
GPI_READ
GPI State Field. Displays the state of each general-purpose pin configured as a general-purpose input (see the GPIO
section). GPI_READ[3:1] always return 0 on the LFCSP option.
0x0
R
[3:0]
GPO_WRITE
GPO State Control. Sets the state of each general-purpose pin configured as a general-purpose output (see the GPIO
section). GPO_WRITE[3:1] are only active on the WLCSP option. Setting these bits on the LFCSP option has no effect.
0x0
R/W
Temperature Sensor Control Register
Address: 0x0029, Reset: 0x00, Name: TEMP_CTRL
Table 53. Bit Descriptions for TEMP_CTRL
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
TEMP_EN
Temperature Sensor Enable Bit. This bit enables or disables the temperature sensor in the channel sequence when the
standard sequencer or advanced sequencer is enabled (see the Temperature Sensor section).
0x0
R/W
0: temperature sensor not included in the channel sequence.
1: temperature sensor included in the channel sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com