Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 85 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD4697 Datasheet HTML 81Page - Analog Devices AD4697 Datasheet HTML 82Page - Analog Devices AD4697 Datasheet HTML 83Page - Analog Devices AD4697 Datasheet HTML 84Page - Analog Devices AD4697 Datasheet HTML 85Page - Analog Devices AD4697 Datasheet HTML 86Page - Analog Devices AD4697 Datasheet HTML 87Page - Analog Devices AD4697 Datasheet HTML 88Page - Analog Devices AD4697 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 85 of 107
single-cycle command modes, but because CYC_CTRL is in the
setup register, it can be configured in the same frame as the
SPI_MODE bit is set to put the device in conversion mode.
After the channel sequencing mode settings are configured, update
the CONFIG_INn register settings as needed to select the channel
configuration settings, including the threshold detection alert enable
setting, polarity mode, pin pairing option, the analog input high-Z
mode enable setting, and the OSR. When the standard sequencer
is enabled, the settings programmed into the CONFIG_INn register
bits are applied to all analog input channels. When any other chan-
nel sequencing mode is selected, the settings in each CONFIG_INn
register are applied to their corresponding INn channel. See
Table 54 for a detailed description of the bits in the CONFIG_INn
registers.
When enabling threshold detection for any set of channels, update
the values in the corresponding UPPER_INn and LOWER_INn
registers to implement the desired upper and lower threshold limits
(see Table 55 and Table 56). The ALERT_MODE bit must be updat-
ed to enable or disable hysteresis, but because ALERT_MODE is
in the setup register, it can be configured in the same frame as
the SPI_MODE bit is set to put the device in conversion mode. If
enabling hysteresis, the HYST_INn registers must be updated to
implement the desired hysteresis settings.
If utilizing any of the general-purpose pin functions described in
the General-Purpose Pins section, update the GPIO_CTRL register
and GP_MODE register contents accordingly (see Table 50 and
Table 51).
If using autocycle mode, update the settings in the AC_CTRL regis-
ter to enable autocycle mode and select the desired sample rate
(see Table 48). Autocycle mode is disabled by default. Therefore, if
autocycle mode is not being used, it is not necessary to update the
AC_CTRL register after a device reset.
If utilizing offset and gain correction, update the settings in the
OFFSET_INn and GAIN_INn registers accordingly. If a calibration
routine is required to determine the necessary offset and gain
correction values for each channel, update the OFFSET_INn and
GAIN_INn registers after putting the AD4697/AD4698 into conver-
sion mode to collect enough conversion data.
After all other necessary configuration register settings have been
updated, put the AD4697/AD4698 in conversion mode by setting
the SPI_MODE bit in the setup register to 1. Ensure that all other
bits in the setup register are set to achieve the desired device
settings (see Table 45).
Prior to updating the setup register to put the device in conver-
sion mode, the digital host can optionally check the state of the
SPI_ERROR bit in the status register to verify that there were no
errors in updating the configuration registers. The host can also
check the state of the CLAMP_STATUS register to check if any
of the AD4697/AD4698 analog input channels are experiencing
overvoltage events prior to putting the device into conversion mode.
While the AD4697/AD4698 are in conversion mode, the SPI cannot
be used to update the configuration registers. If any of the configu-
ration registers must be read from or updated while the device is
already in conversion mode, send the register configuration mode
command during a conversion mode SPI frame to put the device
back into register configuration mode (see the Register Configura-
tion Mode Command section).
EFFECTIVE CHANNEL SAMPLE RATE
The AD4697/AD4698 analog inputs are multiplexed to a single ADC
core, and the state of the multiplexer is updated at the end of the
conversion phase. The effective sample rate for each channel in
the channel sequence is therefore some fraction of the sample rate
of the ADC, which is set by fCNV. The effective sample rate for a
channel is defined as the frequency at which each new conversion
result is generated for that channel.
For an analog input to have an effective sample rate, new results
must be generated at a constant rate for the entire channel se-
quence or at least for a long enough time span to perform the
necessary analysis. For example, to calculate an FFT and perform
ac analysis on the ADC data for a given channel, the sampling
interval between each sample gathered for that channel must be
constant. The effective sample rate for an analog input (fS_INx) is a
function of fCNV and the number of CNV periods between each time
it is sampled (NCNV). The following relationship applies for each of
the eight analog inputs (IN0 to IN7) and for the temperature sensor
as follows:
fS_INx=fCNVNCNV
(24)
The required fS_INx for each analog input is determined by its input
signal frequency range. The Nyquist frequency for a given analog
input (which is half of fS_INx) must be greater than the highest signal
frequency being measured to avoid aliasing.
When the standard sequencer is enabled, each enabled channel
in the STD_SEQ_CONFIG register is sampled once per sequence
iteration. fS_INx is therefore always constant for each enabled chan-
nel when the standard sequencer is enabled, and is calculated as
follows:
fS_INx= fCNVNEN×OSR
(25)
where:
NEN is the number of inputs included in the channel sequence
and can range from 1 (only one channel enabled) to 9 (when all
channels and the temperature sensor are enabled).
OSR is the oversampling ratio selected by the OSR_SET bit field in
the CONFIG_IN0 register.
In the example provided in Figure 76, with NEN = 4 and OSR =
1, fS_INx is fCNV/4. If the OSR is programmed to 4 in this example,
fS_INx is fCNV/16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com