Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 86 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 86 Page - Analog Devices

Back Button AD4697 Datasheet HTML 82Page - Analog Devices AD4697 Datasheet HTML 83Page - Analog Devices AD4697 Datasheet HTML 84Page - Analog Devices AD4697 Datasheet HTML 85Page - Analog Devices AD4697 Datasheet HTML 86Page - Analog Devices AD4697 Datasheet HTML 87Page - Analog Devices AD4697 Datasheet HTML 88Page - Analog Devices AD4697 Datasheet HTML 89Page - Analog Devices AD4697 Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 86 of 107
When the advanced sequencer, two-cycle command mode or sin-
gle-cycle command mode is enabled, the sequence of analog
input channels is more flexible, and the channel sequence can be
designed to implement multiple effective sample rates. This design
option is useful in applications with a combination of channels with
low frequency or dc signals and channels with high frequency or
ac signals. The Implementing Two Effective Channel Sample Rates
section describes how to design a channel sequence that achieves
two effective sample rates for two sets of channels.
Table 29 and Figure 126 shows an example of a sequence that
achieves three effective sample rates with four analog inputs. The
sequence in Table 29 and Figure 126 can be implemented with
the advanced sequencer and two-cycle command mode, or single-
cycle command mode.
The advanced sequencer, two-cycle command mode, and single-
cycle command mode can also be utilized to perform aperiodic
conversions on analog inputs, for example, when all channels have
dc type signals, or when the channel sequencing involves adaptive
control logic.
Table 29. Multiple Effective Sample Rates Example
Sequence Position
Input
Effective Sample Rate of Input
0
IN0
fCNV/2
1
IN1
fCNV/4
2
IN0
fCNV/2
3
IN2
fCNV/8
4
IN0
fCNV/2
5
IN1
fCNV/4
6
IN0
fCNV/2
7
IN3
fCNV/8
Figure 126. Multiple Effective Sample Rates Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com