Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 28 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD4697 Datasheet HTML 24Page - Analog Devices AD4697 Datasheet HTML 25Page - Analog Devices AD4697 Datasheet HTML 26Page - Analog Devices AD4697 Datasheet HTML 27Page - Analog Devices AD4697 Datasheet HTML 28Page - Analog Devices AD4697 Datasheet HTML 29Page - Analog Devices AD4697 Datasheet HTML 30Page - Analog Devices AD4697 Datasheet HTML 31Page - Analog Devices AD4697 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
Data Sheet
AD4697/AD4698
THEORY OF OPERATION
analog.com
Rev. 0 | 28 of 107
TRANSFER FUNCTION
Figure 64 shows the AD4697/AD4698 data processing path. The
SAR ADC core generates one 16-bit output code per conversion
period. The OSR setting for the selected analog input channel
determines how many consecutive 16-bit output code results are
averaged, and then the offset and gain correction settings are
applied to generate the final result to be read over the SPI in
conversion mode (see the Oversampling and Decimation section
and the Offset and Gain Correction section).
The conversion result length is determined by the OSR setting.
The conversion result resolution can range from 16 bits to 19 bits
for an OSR of 1 and 64, respectively (see the Oversampling and
Decimation section).
The conversion result encoding format is determined by the se-
lected polarity mode. The results are in straight binary format
for channels configured in unipolar mode, and twos complement
for channels configured in pseudobipolar mode (see the Channel
Configuration Options section).
The AD4697/AD4698 include offset and gain correction for each
channel that can be configured to compensate for first-order system
errors. The offset and gain correction registers modify the ADC
transfer function digitally (see the Offset and Gain Correction sec-
tion).
The ideal transfer function is shown in Figure 65. The Converting
Between Codes and Volts section describes the relationship be-
tween output codes and input voltages vs. VREF, OSR, polarity
modes, and offset and gain correction settings. Table 9 through
Table 12 show examples of different voltage inputs and the corre-
sponding results for each OSR and polarity mode option (assuming
an ideal ADC transfer function and with the offset and gain correc-
tion values set to default values).
Figure 64. ADC Data Processing Path
Figure 65. ADC Ideal Transfer Function (FSR Is Full-Scale Range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com