Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 4 Page - Analog Devices

  AD4697 Datasheet HTML 1Page - Analog Devices AD4697 Datasheet HTML 2Page - Analog Devices AD4697 Datasheet HTML 3Page - Analog Devices AD4697 Datasheet HTML 4Page - Analog Devices AD4697 Datasheet HTML 5Page - Analog Devices AD4697 Datasheet HTML 6Page - Analog Devices AD4697 Datasheet HTML 7Page - Analog Devices AD4697 Datasheet HTML 8Page - Analog Devices AD4697 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
Data Sheet
AD4697/AD4698
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 107
AVDD = 3.15 V to 5.5 V, LDO_IN = 2.4 V to 5.5 V with internal low dropout (LDO) enabled, LDO_IN = AGND with internal LDO disabled,
VDD = 1.71 V to 1.89 V with internal LDO disabled, VIO = 1.14 V to 1.98 V, AGND = REFGND = IOGND = 0 V, reference voltage (VREF)
= 2.4 V to 5.1 V, REF = VREF with internal reference buffer disabled, REFIN = VREF with internal reference buffer enabled, reference buffer
boost mode enabled, sample rate (fS) = 1 MSPS for the AD4698, fS = 500 kSPS for the AD4697, input frequency (fIN) = 1 kHz, digital output
load capacitance = 20 pF, autocycle mode disabled, analog input high-Z mode enabled, reference input high-Z mode enabled, busy indicator
and alert indicator not enabled on general-purpose pins, no active overvoltage protection clamps, and TA = −40°C to +125°C, unless otherwise
noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
ANALOG INPUT1, 2
Input Voltage Range
Positive ADC input voltage (IN+) – negative ADC input
voltage (IN−)
Unipolar Mode
0
+VREF
V
Pseudobipolar Mode
−VREF/2
+VREF/2
V
Operating Input Voltage
IN+ − REFGND
IN− = REFGND
0
+VREF
V
IN− = COM, odd numbered input
−0.1
VREF + 0.1
V
IN− − REFGND
IN− = COM, odd numbered input
Unipolar mode
−0.1
VREF + 0.1
V
Pseudobipolar mode
VREF/2 – 0.1 VREF/2
VREF/2 + 0.1
V
Common-Mode Rejection Ratio (CMRR)
fIN = 250 kHz, IN− = COM, odd numbered input
69.5
dB
Analog Input Leakage Current3
10
nA
SAMPLING DYNAMICS
Sample Rate
Autocycle mode disabled
AD4697
500
kSPS
AD4698
1
MSPS
Autocycle Sample Period
Autocycle mode enabled
AC_CYC = 0x0
8.5
10
11.5
μs
AC_CYC = 0x1
17
20
23
μs
AC_CYC = 0x2
34
40
46
μs
AC_CYC = 0x3
68
80
92
μs
AC_CYC = 0x4
85
100
115
μs
AC_CYC = 0x5
170
200
230
μs
AC_CYC = 0x6
340
400
460
μs
AC_CYC = 0x7
680
800
920
μs
Aperture Delay
2
ns
Aperture Jitter
0.5
ps rms
DC ACCURACY
No Missing Codes
16
Bits
Integral Nonlinearity Error (INL)
VREF = 5 V, oversampling ratio (OSR) = 1
LFCSP, TA = −40°C to +125°C
−1
±0.4
+1
LSB
WLCSP, TA = 0°C to +70°C
−2
±0.4
+2
LSB
WLCSP, TA = −40°C to +125°C
−2.5
±0.4
+2.5
LSB
Differential Nonlinearity Error (DNL)
VREF = 5 V, OSR = 1
−0.6
±0.3
+0.6
LSB
Transition Noise
VREF = 5 V
0.5
LSB rms
Offset Error4
VREF = 5 V
TA = 25°C
±0.03
mV
TA = −40°C to +125°C
−0.43
+0.43
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com