Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 75 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 75 Page - Analog Devices

Back Button AD4697 Datasheet HTML 71Page - Analog Devices AD4697 Datasheet HTML 72Page - Analog Devices AD4697 Datasheet HTML 73Page - Analog Devices AD4697 Datasheet HTML 74Page - Analog Devices AD4697 Datasheet HTML 75Page - Analog Devices AD4697 Datasheet HTML 76Page - Analog Devices AD4697 Datasheet HTML 77Page - Analog Devices AD4697 Datasheet HTML 78Page - Analog Devices AD4697 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 75 of 107
Reference Circuit Design for Internal Reference
Buffer
REFIN is the input to the AD4698 internal reference buffer (avail-
able on the WLCSP option only). The internal reference buffer
provides a true high impedance input for directly interfacing a
precision voltage reference to the AD4698.
Figure 117 shows a typical connection diagram for interfacing
external reference circuitry with the internal reference buffer. VREF
drives the REFIN input, and the REF input is connected only to
CREF.
Figure 117. Typical Connection Diagram for Driving REFIN Input
The typical input leakage current of the REFIN input is 16 nA when
the internal reference buffer is enabled (see Table 1). Using the
equations for RO_MAX and LMAX in the Reference Circuit Design
for Driving REF Input section, for a 4.096 V reference, half LSB
accuracy is maintained for an effective series resistance of 2.3 kΩ.
Optional low-pass filtering can be implemented between the voltage
reference output and the REFIN input to reduce wideband noise as
long as the effective series resistance of the filter combined with
the output impedance of the connected voltage reference maintain
adequate accuracy in VREF.
Reference input high-Z mode must be enabled when utilizing the
internal reference buffer (REFHIZ_EN = 1). The internal reference
buffer is disabled by default, and must be enabled on device power-
up and after device resets. When the internal reference buffer is
first enabled by setting REFBUF_EN to 1, the internal reference
buffer charges CREF until it reaches the VREF voltage. See the
Optimizing Reference Buffer Startup section for a description of the
AD4697/AD4698 configuration settings that determine the amount
of time required for the internal reference buffer to settle the VREF
on startup.
The internal reference buffer is supplied from the AD4697/AD4698
AVDD supply, and when the internal reference buffer is enabled,
VREF must be at most AVDD – 0.3 V (see Table 1).
OPTIMIZING REFERENCE BUFFER STARTUP
When using the AD4697/AD4698 internal reference buffer, the REF
input is disconnected from the external reference circuitry and
is only connected to the external reference decoupling capacitor
(CREF in Figure 117). When the internal reference buffer is disabled,
CREF slowly discharges. As a result, if the voltage across CREF is
not equal to the REFIN voltage when the internal reference buffer is
first enabled, the internal reference buffer output current spikes until
it has sourced enough charge to CREF. The process of charging
CREF incurs both a time delay before accurate conversions can be
performed and a spike in the AVDD supply current. Suggestions for
optimizing the delay and the peak supply current when enabling the
internal reference buffer follow.
The internal reference buffer turn-on time specification in Table 1
is defined as the time required for the internal reference buffer
to drive the REF pin from 0 V to VREF within 0.01% accuracy.
Larger CREF capacitors and VREF voltages require more charge to
be driven into CREF, and as a result, the internal reference buffer
turn-on time is proportional to CREF and VREF. Figure 44 shows
the typical reference buffer output settling for VREF = 4.096 V for
several common values of CREF.
The internal reference buffer is powered by the AVDD supply. While
the internal reference buffer sources current into CREF, an equal
amount of current is drawn through AVDD. Higher internal reference
buffer output currents therefore reduce the internal reference buffer
turn-on time but increase the peak AVDD current until the REF pin
voltage is settled to VREF. The AD4697/AD4698 provide several
options for enabling the internal reference buffer to either optimize
turn-on time or peak current consumption.
Reference Buffer Startup with Bypass Option
The internal reference buffer bypass option is recommended to
reduce the AVDD peak current when first enabling the internal
reference buffer (for example, on device power-up). The internal
reference buffer bypass option connects REFIN to REF without en-
abling the internal reference buffer, allowing the voltage reference
driving REFIN to charge CREF to VREF while the internal reference
buffer is disabled. This option ensures that he voltage on the REF
input is closer to the target VREF before the internal reference
buffer is enabled, reducing the magnitude of the internal reference
buffer peak output current, and therefore, the resulting peak AVDD
current.
When using the internal reference buffer bypass option to charge
CREF after initially powering on the device, take the following steps:
1. Write to the REF_CTRL register to set the REFBUF_EN bit to
0 and the REFBUF_BP bit to 1 to close SWBP and bypass the
internal reference buffer. (REFBUF_EN is set to 0 on device
power-up.)
2. Configure the rest of the device configuration registers before
enabling the internal reference buffer to give the voltage refer-
ence circuitry time to charge CREF.
3. Write to the REF_CTRL register to set the REFBUF_EN bit to
1 and the REFBUF_BP bit to 0 to open SWBP and enable the
internal reference buffer.
The internal reference buffer bypass option is also recommended
for applications where the AD4697/AD4698 is idle (not converting)
for long periods of time to reduce power consumption because



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com