Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 71 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD4697 Datasheet HTML 67Page - Analog Devices AD4697 Datasheet HTML 68Page - Analog Devices AD4697 Datasheet HTML 69Page - Analog Devices AD4697 Datasheet HTML 70Page - Analog Devices AD4697 Datasheet HTML 71Page - Analog Devices AD4697 Datasheet HTML 72Page - Analog Devices AD4697 Datasheet HTML 73Page - Analog Devices AD4697 Datasheet HTML 74Page - Analog Devices AD4697 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 71 of 107
Assuming all noise sources are Gaussian and uncorrelated, calcu-
late the total system rms noise (vn_total) as follows:
vn_TOTAL= vn_AFE2+vn_ADC2
(9)
where:
vn_AFE is the referred to output (RTO) rms noise of the AFE.
vn_ADC is the AD4697/AD4698 input referred rms noise.
The estimated system dynamic range (DRTOTAL) is a measure of
the system rms noise and the full-scale input range.
DRTOTAL=20log VREF22
vn_TOTAL
(10)
The AD4697/AD4698 input referred rms noise specification (vn_ADC)
is typically 37.8 µV rms (see Table 1). Figure 114 shows the typical
system dynamic range vs. vn_AFE with vn_ADC = 37.8 µV rms and
VREF = 5 V. For vn_AFE less than 13 µV rms, the overall system dy-
namic range remains within 0.5 dB of the AD4697/AD4698 dynamic
range specification (see Table 1).
Figure 114. AD4697/AD4698 Typical Dynamic Range vs. vn_AFE, VREF = 5 V
The AFE RTO noise (vn_AFE) is equal to the rms noise of each of
the constituent components in the AFE, referred to the output of the
external RC filter (REXT and CEXT in Figure 66 and in the External
RC Filter section). Assuming the RC filter bandwidth is much lower
than the bandwidth of the amplifier circuit, vn_AFE is equal to the
noise spectral density of each of these components (referred to the
amplifier output) multiplied by the effective noise bandwidth of the
RC filter (ENBWRC) as shown in the following equations,
where:
k is the Boltzmann constant.
T is the absolute temperature in Kelvin.
RF and RG are the feedback network resistors, as shown in
Figure 113.
RS is the source resistance, as shown in Figure 113.
in+ and in− represent the amplifier input current noise spectral
density in pA/√Hz.
vn represents the amplifier input voltage noise spectral density in
nV/√Hz.
See MT-049 and MT-050 for detailed derivations of vn_AFE vs.
analog front-end components and configurations.
ENBWRC= π2× 12πREXT CEXT
(11)
vn_AFE=ENBWRC× 4kTRF+ 1+RFRG 24kTRS+ in+×RS2+vn2 + RFRG 24kTRG+ in−×RF2 (12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com