Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 45 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 45 Page - Analog Devices

Back Button AD4697 Datasheet HTML 41Page - Analog Devices AD4697 Datasheet HTML 42Page - Analog Devices AD4697 Datasheet HTML 43Page - Analog Devices AD4697 Datasheet HTML 44Page - Analog Devices AD4697 Datasheet HTML 45Page - Analog Devices AD4697 Datasheet HTML 46Page - Analog Devices AD4697 Datasheet HTML 47Page - Analog Devices AD4697 Datasheet HTML 48Page - Analog Devices AD4697 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 45 of 107
The AD4697/AD4698 digital interface includes a 4-wire SPI, a
convert start input (CNV), an active low reset input (RESET), and
a BSY_ALT_GP0 pin that functions as a general-purpose pin. The
WLCSP option also includes three additional general-purpose pins
(GP1, GP2, and GP3).
The AD4697/AD4698 digital interface has two operating modes:
register configuration and conversion. In register configuration
mode, the SPI is used to read from and write to the configuration
registers. In conversion mode, the SPI is used to read conversion
results and optional status bits. See the Register Configuration
Mode section and Conversion Mode section for more details on
these operating modes.
The interface logic level is set by the VIO voltage and supports 1.2
V to 1.8 V logic systems. The AD4697/AD4698 use SPI Mode 3
(clock phase (CPHA) = clock polarity (CPOL) = 1).
REGISTER CONFIGURATION MODE
When in register configuration mode, the digital host can read from
and write to the AD4697/AD4698 configuration registers via the
SPI. The device must be in register configuration mode to perform
register read and write instructions. Register configuration mode is
the default mode of operation on device power-up and reset.
The register configuration mode protocol is flexible and can be con-
figured for efficient access of large blocks of the configuration regis-
ter map. Each SPI frame consists of at least one instruction phase,
at least one data phase, and an optional 8-bit cyclic redundancy
check (CRC) checksum (see the Checksum Protection section).
Data is transmitted over the SPI MSB first. The format and order of
the instruction and data phases is configurable, as described in the
Instruction Phase section through the Checksum Protection section.
Figure 81 shows an example of a basic SPI frame that consists of
the instruction phase, data phase, and optional CRC checksum.
A CS falling edge starts an SPI frame and a subsequent CS rising
edge ends the SPI frame. Data is latched on the SDI on the SCK
rising edges and shifted out on the SDO on the SCK falling edges.
For all SPI transactions, data is aligned MSB first.
Figure 93 shows a detailed timing diagram for register read and
write operations via the SPI when the device is in register configu-
ration mode. See Table 2 for the timing specifications shown in
Figure 93.
See the Register Details section for a detailed description of the
addresses and functions of the AD4697/AD4698 configuration reg-
isters.
The 5-bit register configuration mode command switches the device
from conversion mode into register configuration mode (see the
Register Configuration Mode Command section).
Figure 81. Basic SPI Frame
Instruction Phase
Each SPI frame starts with the instruction phase. The instruction
phase immediately follows a CS falling edge (see Figure 81). The
instruction phase consists of a read/write (R/W) bit followed by
a register address word. Set the R/W bit high to initiate a read
instruction or set the R/W bit low to initiate a write instruction.
The register address word specifies the address of the register to
be accessed. The register address word is 15 bits in length (long
addressing) by default, and can be changed to 7 bits in length
(short addressing) with the ADDR_LEN bit in the SPI_CONFIG_B
register.
When using single instruction mode, each register read or write
transaction in an SPI frame begins with an instruction phase.
When using streaming mode, only one instruction phase is required
per SPI frame to access a set of contiguous registers. See the
Single Instruction Mode section and the Streaming Mode section for
instructions on selecting and using these modes.
Data Phase
During the data phase, register data is either shifted out on the
SDO on the SCK falling edges (for register reads) or latched in
on the SDI on the SCK rising edges (for register writes). The data
phase can include the data for an entire register or individual bytes
of the register (see the Multibyte Register Access section).
If the CRC is disabled, the register contents are updated immedi-
ately after the final SCK rising edge of the data phase. If the CRC
is enabled, the register contents are updated immediately after
the final SCK rising edge of the checksum (if the checksum value
matches the data in the data phase).
Address Direction Options
The address direction options control whether the address is set
to automatically increment or decrement when accessing multiple
bytes of data in a single data phase (for example, when accessing
multibyte registers or when streaming mode is enabled). Figure 82
and Figure 83 show SPI frames with both address direction options.
Select between the two address direction options with the
ADDR_DIR bit in the SPI_CONFIG_A register. When the
ADDR_DIR bit is set to 0, the descending address option is select-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com