Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697 Datasheet(PDF) 83 Page - Analog Devices

Part # AD4697
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697 Datasheet(HTML) 83 Page - Analog Devices

Back Button AD4697 Datasheet HTML 79Page - Analog Devices AD4697 Datasheet HTML 80Page - Analog Devices AD4697 Datasheet HTML 81Page - Analog Devices AD4697 Datasheet HTML 82Page - Analog Devices AD4697 Datasheet HTML 83Page - Analog Devices AD4697 Datasheet HTML 84Page - Analog Devices AD4697 Datasheet HTML 85Page - Analog Devices AD4697 Datasheet HTML 86Page - Analog Devices AD4697 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 83 of 107
On the WLCSP option, the busy indicator and alert indicator can be
output simultaneously on multiple general-purpose pins (see
Figure 125). In this configuration, the alert indicator can be used
to either gate the busy indicator or to act as an enable signal to
the host SPI peripheral while the busy indicator is still used to
synchronize SPI reads to the AD4698 internal conversion timing.
As described in the SPI Peripheral Synchronization in Conversion
Mode section, the digital host must complete the SPI frame before
the start of the next conversion. Refer to Figure 103 and the
Conversion Mode SPI Clock Frequency Requirements section for
guidelines on minimum SCK frequency and overall system latency
to achieve appropriate SPI transfer rates for the selected sample
rate.
Conversion Mode SPI Clock Frequency
Requirements
Conversion results for a given sample are available until the start of
the next conversion phase. The SCK frequency must therefore be
fast enough to read the data from the AD4697/AD4698 SPI before
the following CNV rising edge (or internal convert start signal when
autocycle mode is enabled).
The minimum required SCK frequency is a function of the sample
rate in use, the length of the SPI frame (in bits), and the serial
data output mode in use. Faster sample rates require faster SCK
frequencies because the time between conversions is shorter. Dual-
SDO mode and quad-SDO mode significantly reduce the required
SCK frequency for a given sample rate by doubling and quadrupling
the number of bits output on the SPI per SCK period, respectively
(see the Serial Data Output Modes section).
The number of SCK periods required per conversion mode frame
(NSCK) is a function of the number of bits per frame (NBITS) and the
number of serial data outputs (NSDO):
NSCK=NBITSNSDO
(21)
NBITS depends on the maximum OSR in use and whether the
status bits are enabled (see Table 21 and Table 22). NSDO is 1
for single-SDO mode, 2 for dual-SDO mode, and 4 for quad-SDO
mode. (Note that quad-SDO mode is only available on the WLCSP
option of the AD4698.)
The Conversion Mode Timing Diagrams section shows the timing
diagrams for the SPI frames in conversion mode. The start of the
conversion mode SPI frame must not occur before the tCONVERT
time has elapsed and must complete early enough to adhere to
the minimum tSCKCNV specification (see Table 2). Use the following
equation to calculate the amount of time available to complete an
SPI frame in conversion mode (tFRAME):
tFRAME=tCYC−tCONVERT−tSCKCNV= 1fCNV
−tCONVERT−tSCKCNV
(22)
where:
tCYC is the sample period.
tCONVERT is the maximum tCONVERT specification (see Table 2).
tSCKCNV is the SCK to CNV rising edge delay specification (see
Table 2).
fSCK is a function of tFRAME and NSCK as follows:
fSCK=NSCK/tFRAME
=
NBITS
NSDO× tCYC−tCONVERT−tSCKCNV
(23)
Table 28 shows examples of the minimum SCK frequency required
for several sample rates for each serial data output mode with
status bits disabled and enabled, and the OSR set to 1.
When single-cycle command mode is enabled, the multiplexer does
not update channels until the 5-bit channel command is clocked
in on SDI. The SCK frequency therefore impacts tACQ when single-
cycle command mode is enabled (see the Single-Cycle Command
Mode section).
When autocycle mode is enabled, tCYC is determined by the internal
convert start signal, the period of which is set by the AC_CYC bit
field, and the digital host must use either the busy indicator or the
alert indicator to synchronize the SPI frames with the internal con-
version timing (see the SPI Peripheral Synchronization in Autocycle
Mode section).
The digital host SPI peripheral may provide more SCK periods than
required per conversion mode SPI frame. The SDO behavior when
additional SCK falling edges occur after the LSB is clocked out
depends on the SDO_STATE bit setting. When SDO_STATE = 0,
SDO maintains its state when extra SCK falling edges occur. When
SDO_STATE = 1, SDO transitions to high impedance when extra
SCK falling edges occur.
Note that the minimum SCK period is longer for register configu-
ration mode than for conversion mode (see tSCK in Table 2). In
conversion mode, the minimum tSCK is 12.5 ns, corresponding to
a maximum fSCK of 80 MHz. In register configuration mode, the
minimum tSCK is 40 ns, corresponding to a maximum fSCK of 25
MHz. Therefore, for applications requiring conversion mode SCK
frequencies of greater than 25 MHz, ensure that the host SPI
peripheral serial clock rate is programmed accordingly while the
AD4697/AD4698 are in register configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com