Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 37Page - Cirrus Logic CS47L85 Datasheet HTML 38Page - Cirrus Logic CS47L85 Datasheet HTML 39Page - Cirrus Logic CS47L85 Datasheet HTML 40Page - Cirrus Logic CS47L85 Datasheet HTML 41Page - Cirrus Logic CS47L85 Datasheet HTML 42Page - Cirrus Logic CS47L85 Datasheet HTML 43Page - Cirrus Logic CS47L85 Datasheet HTML 44Page - Cirrus Logic CS47L85 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 370 page
background image
CS47L85
Rev 4.3
41
SLIMBUS INTERFACE TIMING
SLIMDAT
TDV
TCLKL
TCLKH
VIH
VIL
TSETUP
TH
VIH, VOH
VIL, VOL
SLIMCLK
VIL, VIH are the 35%/65% levels of the respective inputs.
VOL, VOH are the 20%/80% levels of the respective outputs.
The SLIMDAT output delay (TDV) is with respect to the input pads of all receiving devices.
Figure 11 SLIMbus Interface Timing
The signal timing information shown in Figure 11 describe the timing requirements of the SLIMbus interface as a whole, not
just the CS47L85 device. Accordingly, the following should be noted:
TDV is the propagation delay from the rising SLIMCLK edge (at CS47L85 input) to the SLIMDAT output being
achieved at the input to all devices across the bus.
TSETUP is the set-up time for SLIMDAT input (at CS47L85), relative to the falling SLIMCLK edge (at CS47L85).
TH is the hold time for SLIMDAT input (at CS47L85) relative to the falling SLIMCLK edge (at CS47L85).
For more details of the interface timing, refer to the MIPI Alliance Specification for Serial Low-power Inter-chip Media Bus
(SLIMbus).
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SLIMCLK Input
SLIMCLK cycle time
35
ns
SLIMCLK pulse width high
TCLKH
12
ns
SLIMCLK pulse width low
TCLKL
12
ns
SLIMCLK Output
SLIMCLK cycle time
40
ns
SLIMCLK pulse width high
TCLKH
12
ns
SLIMCLK pulse width low
TCLKL
12
ns
SLIMCLK slew rate
(20% to 80%)
CLOAD = 15pF,
SLIMCLK_DRV_STR=0
SRCLK
0.09 x
VDBVDD1
0.22 x
VDBVDD1
V/ns
CLOAD = 70pF,
SLIMCLK_DRV_STR=0
0.02 x
VDBVDD1
0.05 x
VDBVDD1
CLOAD = 70pF,
SLIMCLK_DRV_STR=1
0.04 x
VDBVDD1
0.11 x
VDBVDD1
SLIMDAT Input
SLIMDAT setup time to SLIMCLK falling edge
TSETUP
3.5
ns
SLIMDAT hold time from SLIMCLK falling edge
TH
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com