Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 71Page - Cirrus Logic CS47L85 Datasheet HTML 72Page - Cirrus Logic CS47L85 Datasheet HTML 73Page - Cirrus Logic CS47L85 Datasheet HTML 74Page - Cirrus Logic CS47L85 Datasheet HTML 75Page - Cirrus Logic CS47L85 Datasheet HTML 76Page - Cirrus Logic CS47L85 Datasheet HTML 77Page - Cirrus Logic CS47L85 Datasheet HTML 78Page - Cirrus Logic CS47L85 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 370 page
background image
CS47L85
Rev 4.3
75
DIGITAL CORE OUTPUT MIXERS
The digital core comprises multiple output paths. The output paths associated with AIF1, AIF2, AIF3 and AIF4 are illustrated
in Figure 24. The output paths associated with OUT1, OUT2, OUT3, OUT4, OUT5 and OUT6 are illustrated in Figure 25.
The output paths associated with the SLIMbus interface are illustrated in Figure 26.
A 4-input mixer is associated with each output. The 4 input sources are selectable in each case, and independent volume
control is provided for each path.
The AIF1, AIF2, AIF3 and AIF4 output mixer control registers (see Figure 24) are located at register addresses R1792 (700h)
through to R1967 (7AEh). The OUT1, OUT2, OUT3, OUT4, OUT5 and OUT6 output mixer control registers (see Figure 25)
are located at addresses R1664 (680h) through to R1759 (6DFh). The SLIMbus output mixer control registers (see Figure
26) are located at addresses R1984 (7C0h) through to R2047 (7FFh).
The full list of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document - see
“Register Map” for further information. Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input source(s) must be
configured for the same sample rate as the mixer to which they are connected. Sample rate conversion functions are
available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous
Sample Rate Converter (ISRC)
”.
The *_SRCn registers for all digital core functions should be held at 00h if SYSCLK is not enabled
– SYSCLK must be
present and enabled before selecting other values for these
registers. See “Clocking and Sample Rates” for further details
(including requirements for reconfiguring SYSCLK while digital core mixers are enabled).
The sample rate for the output signal paths is configured using the applicable OUT_RATE, AIFn_RATE or SLIMTXn_RATE
register - see Table 22. Note that sample rate conversion is required when routing the output signal paths to any signal chain
that is asynchronous and/or configured for a different sample rate.
The OUT_RATE, AIFn_RATE or SLIMTXn_RATE registers should not be changed if any of the respective *_SRCn registers
is non-zero. The associated *_SRCn registers should be cleared to 00h before writing new values to OUT_RATE,
AIFn_RATE or SLIMTXn_RATE. A minimum delay of 125us should be allowed between clearing the *_SRCn registers and
writing to the associated OUT_RATE, AIFn_RATE or SLIMTXn_RATE registers. See Table 22 for further details.
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the output mixer
paths. If an attempt is made to enable an output mixer path, and there are insufficient SYSCLK cycles to support it, then the
attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The status bits in Registers R1600 to R3192 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com