Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 32Page - Cirrus Logic CS47L85 Datasheet HTML 33Page - Cirrus Logic CS47L85 Datasheet HTML 34Page - Cirrus Logic CS47L85 Datasheet HTML 35Page - Cirrus Logic CS47L85 Datasheet HTML 36Page - Cirrus Logic CS47L85 Datasheet HTML 37Page - Cirrus Logic CS47L85 Datasheet HTML 38Page - Cirrus Logic CS47L85 Datasheet HTML 39Page - Cirrus Logic CS47L85 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 370 page
background image
CS47L85
36
Rev 4.3
DIGITAL AUDIO INTERFACE - MASTER MODE
BCLK
(output)
LRCLK
(output)
TXDAT
(output)
RXDAT
(input)
tDD
tDH
tDSU
tLRD
tBCH
tBCL
tBCY
Figure 5 Audio Interface Timing - Master Mode
Note that BCLK and LRCLK outputs can be inverted if required; Figure 5 shows the default, non-inverted polarity.
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
CLOAD = 15pF to 25pF (output pins). BCLK slew (10% to 90%) = 3.7ns to 5.6ns.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Master Mode
AIFnBCLK cycle time
tBCY
40
ns
AIFnBCLK pulse width high
tBCH
18
ns
AIFnBCLK pulse width low
tBCL
18
ns
AIFnLRCLK propagation delay from BCLK falling edge
tLRD
0
8.3
ns
AIFnTXDAT propagation delay from BCLK falling edge
tDD
0
5
ns
AIFnRXDAT setup time to BCLK rising edge
tDSU
11
ns
AIFnRXDAT hold time from BCLK rising edge
tDH
0
ns
Audio Interface Timing - Master Mode, Slave LRCLK
AIFnLRCLK setup time to BCLK rising edge
tLRSU
14
ns
AIFnLRCLK hold time from BCLK rising edge
tLRH
0
ns
Note:
The descriptions above assume non-inverted polarity of AIFnBCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com