Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 80Page - Cirrus Logic CS47L85 Datasheet HTML 81Page - Cirrus Logic CS47L85 Datasheet HTML 82Page - Cirrus Logic CS47L85 Datasheet HTML 83Page - Cirrus Logic CS47L85 Datasheet HTML 84Page - Cirrus Logic CS47L85 Datasheet HTML 85Page - Cirrus Logic CS47L85 Datasheet HTML 86Page - Cirrus Logic CS47L85 Datasheet HTML 87Page - Cirrus Logic CS47L85 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 370 page
background image
CS47L85
84
Rev 4.3
DRCn_KNEE_IP
(Y0)
0dB
DRC
n_H
I_CO
MP
DR
Cn
_L
O_
CO
MP
DRCn Input Amplitude (dB)
DRCn Output Amplitude (dB)
DRCn_KNEE_OP
Knee1
Knee2
DRCn_KNEE2_IP
DRCn_KNEE2_OP
Figure 29 DRC Response Characteristic
The slope of the DRC response is determined by register fields DRCn_HI_COMP and DRCn_LO_COMP. A slope of 1
indicates constant gain in this region. A slope less than 1 represents compression (i.e. a change in input amplitude produces
only a smaller change in output amplitude). A slope of 0 indicates that the target output amplitude is the same across a
range of input amplitudes; this is infinite compression.
When the noise gate is enabled, the DRC response in this region is determined by the DRCn_NG_EXP register. A slope of
1 indicates constant gain in this region. A slope greater than 1 represents expansion (i.e., a change in input amplitude
produces a larger change in output amplitude).
When the DRCn
_KNEE2_OP knee is enabled (“Knee2” in Figure 29), this introduces the vertical line in the response pattern
illustrated, resulting in infinitely steep attenuation at this point in the response.
The DRC parameters are listed in Table 13.
REF
PARAMETER
DESCRIPTION
1
DRCn_KNEE_IP
Input level at Knee1 (dB)
2
DRCn_KNEE_OP
Output level at Knee2 (dB)
3
DRCn_HI_COMP
Compression ratio above Knee1
4
DRCn_LO_COMP
Compression ratio below Knee1
5
DRCn_KNEE2_IP
Input level at Knee2 (dB)
6
DRCn_NG_EXP
Expansion ratio below Knee2
7
DRCn_KNEE2_OP
Output level at Knee2 (dB)
Table 13 DRC Response Parameters
The noise gate is enabled when the DRCn_NG_ENA register is set. When the noise gate is not enabled, parameters 5, 6,
7 above are ignored, and the DRCn_LO_COMP slope applies to all input signal levels below Knee1.
The DRCn_KNEE2_OP knee is enabled when the DRCn_KNEE2_OP_ENA register is set. When this bit is not set, then
parameter 7 above is ignored, and the Knee2 position always coincides with the low end of the DRCn_LO_COMP region.
The “Knee1” point in Figure 29 is determined by register fields DRCn_KNEE_IP and DRCn_KNEE_OP.
Parameter Y0, the output level for a 0dB input, is not specified directly, but can be calculated from the other parameters,
using the equation:
Y0 = DRCn_KNEE_OP - (DRCn_KNEE_IP x DRCn_HI_COMP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com