Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 79Page - Cirrus Logic CS47L85 Datasheet HTML 80Page - Cirrus Logic CS47L85 Datasheet HTML 81Page - Cirrus Logic CS47L85 Datasheet HTML 82Page - Cirrus Logic CS47L85 Datasheet HTML 83Page - Cirrus Logic CS47L85 Datasheet HTML 84Page - Cirrus Logic CS47L85 Datasheet HTML 85Page - Cirrus Logic CS47L85 Datasheet HTML 86Page - Cirrus Logic CS47L85 Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 370 page
background image
CS47L85
Rev 4.3
83
core functions should be held at 00h if SYSCLK is not enabled. SYSCLK must be present and enabled before selecting
other values for these registers. See “Clocking and Sample Rates” for further details (including requirements for
reconfiguring SYSCLK while digital core functions are enabled).
The sample rate for the DRC function is configured using the FX_RATE register - see Table 22. Note that the EQ, DRC and
LHPF functions must all be configured for the same sample rate. Sample rate conversion is required when routing the DRC
signal paths to any signal chain that is asynchronous and/or configured for a different sample rate.
The FX_RATE register should not be changed if any of the associated *_SRCn registers is non-zero. The associated
*_SRCn registers should be cleared to 00h before writing a new value to FX_RATE. A minimum delay of 125us should be
allowed between clearing the *_SRCn registers and writing to the FX_RATE register. See Table 22 for further details.
The DRC functions are enabled using the control registers described in Table 12.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3712
(0E80h)
DRC1_ctrl1
1
DRC1L_ENA
0
DRC1 (Left) Enable
0 = Disabled
1 = Enabled
0
DRC1R_ENA
0
DRC1 (Right) Enable
0 = Disabled
1 = Enabled
R3720
(0E88h)
DRC2_ctrl1
1
DRC2L_ENA
0
DRC2 (Left) Enable
0 = Disabled
1 = Enabled
0
DRC2R_ENA
0
DRC2 (Right) Enable
0 = Disabled
1 = Enabled
Table 12 DRC Enable
The following description of the DRC is applicable to each of the DRCs. The associated register control fields are described
in Table 14 and Table 15 for DRC1 and DRC2 respectively.
DRC COMPRESSION / EXPANSION / LIMITING
The DRC supports two different compression regions, separated by a “Knee” at a specific input amplitude. In the region
above the knee, the compression slope DRCn_HI_COMP applies; in the region below the knee, the compression slope
DRCn_LO_COMP applies.
(Note that ‘n’ identifies the applicable DRC 1 or 2.)
The DRC also supports a noise gate region, where low-level input signals are heavily attenuated. This function can be
enabled or disabled according to the application requirements. The DRC response in this region is defined by the expansion
slope DRCn_NG_EXP.
For additional attenuation of signals in the noise gate region, an additional “knee” can be defined (shown as “Knee2” in
Figure 29). When this knee is enabled, this introduces an infinitely steep drop-off in the DRC response pattern between the
DRCn_LO_COMP and DRCn_NG_EXP regions.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-constant) is illustrated
in Figure 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com