Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 99 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 99 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 95Page - Cirrus Logic CS47L85 Datasheet HTML 96Page - Cirrus Logic CS47L85 Datasheet HTML 97Page - Cirrus Logic CS47L85 Datasheet HTML 98Page - Cirrus Logic CS47L85 Datasheet HTML 99Page - Cirrus Logic CS47L85 Datasheet HTML 100Page - Cirrus Logic CS47L85 Datasheet HTML 101Page - Cirrus Logic CS47L85 Datasheet HTML 102Page - Cirrus Logic CS47L85 Datasheet HTML 103Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 370 page
background image
CS47L85
Rev 4.3
99
TONE GENERATOR
The CS47L85
incorporates two 1kHz tone generators which can be used for ‘beep’ functions through any of the audio signal
paths. The phase relationship between the two generators is configurable, providing flexibility in creating differential signals,
or for test scenarios.
Tone Generator 1 (04h)
Tone Generator 2 (05h)
1kHz
Tone Generator
TONE1_ENA
TONE2_ENA
TONE_OFFSET
TONE_RATE
TONE1_OVD
TONE1_LVL
TONE2_OVD
TONE2_LVL
Figure 33 Digital Core Tone Generator
The tone generators can be selected as input to any of the digital mixers or signal processing functions within the CS47L85
digital core. The bracketed numbers in Figure 33,
e.g.,”(04h)” indicate the corresponding *_SRCn register setting for
selection of that signal as an input to another digital core function.
SYSCLK must be present and enabled before setting the TONEn_ENA bits. The tone generators should be kept disabled
(TONEn
_ENA=0) if SYSCLK is not enabled. See “Clocking and Sample Rates” for further details (including requirements
for reconfiguring SYSCLK while digital core functions are enabled).
The sample rate for the tone generators is configured using the TONE_RATE register - see Table 22. Note that sample rate
conversion is required when routing the tone generator output(s) to any signal chain that is asynchronous and/or configured
for a different sample rate.
The tone generators are enabled using the TONE1_ENA and TONE2_ENA register bits as described in Table 18. The phase
relationship is configured using TONE_OFFSET.
The tone generators can also provide a configurable DC signal level, for use as a test signal. The DC output is selected
using the TONEn_OVD register bits, and the DC signal amplitude is configured using the TONEn_LVL registers, as
described in Table 18.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
(0020h)
Tone_Gen
erator_1
9:8
TONE_OFFSET
[1:0]
00
Tone Generator Phase Offset
Sets the phase of Tone Generator 2
relative to Tone Generator 1
00 = 0 degrees (in phase)
01 = 90 degrees ahead
10 = 180 degrees ahead
11 = 270 degrees ahead
5
TONE2_OVD
0
Tone Generator 2 Override
0 = Disabled (1kHz tone output)
1 = Enabled (DC signal output)
The DC signal level, when selected, is
configured using TONE2_LVL[23:0]
4
TONE1_OVD
0
Tone Generator 1 Override
0 = Disabled (1kHz tone output)
1 = Enabled (DC signal output)
The DC signal level, when selected, is
configured using TONE1_LVL[23:0]
1
TONE2_ENA
0
Tone Generator 2 Enable
0 = Disabled
1 = Enabled
0
TONE1_ENA
0
Tone Generator 1 Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com