Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 55Page - Cirrus Logic CS47L85 Datasheet HTML 56Page - Cirrus Logic CS47L85 Datasheet HTML 57Page - Cirrus Logic CS47L85 Datasheet HTML 58Page - Cirrus Logic CS47L85 Datasheet HTML 59Page - Cirrus Logic CS47L85 Datasheet HTML 60Page - Cirrus Logic CS47L85 Datasheet HTML 61Page - Cirrus Logic CS47L85 Datasheet HTML 62Page - Cirrus Logic CS47L85 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 370 page
background image
CS47L85
Rev 4.3
59
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R810
(032Ah)
DMIC4L_
Control
10:8
IN4_OSR [2:0]
101
Input Path 4 DMIC Oversample Rate
Controls the DMIC4 sample rate as below:
000 = Reserved
001 = Reserved
010 = 384kHz
011 = 768kHz
100 = 1.536MHz
101 = 3.072MHz
110 = 6.144MHz
111 = Reserved
When IN4_OSR=010 or 011, then the
maximum Input Path sample rate (all input
paths) is 48kHz or 96kHz respectively.
If Input Path 4 DMIC is selected as a
source for the Rx ANC function, the
IN4_OSR field must be set to 101.
5:0
IN4L_DMIC_DLY
[5:0]
00h
Input Path 4 (Left) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN4_OSR.)
R812
(032Ch)
IN4R_Con
trol
15
IN4R_HPF
0
Input Path 4 (Right) HPF Enable
0 = Disabled
1 = Enabled
R814
(032Eh)
DMIC4R_
Control
5:0
IN4R_DMIC_DLY
[5:0]
00h
Input Path 4 (Right) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN4_OSR.)
R816
(0330h)
IN5L_Cont
rol
15
IN5L_HPF
0
Input Path 5 (Left) HPF Enable
0 = Disabled
1 = Enabled
R818
(0332h)
DMIC5L_
Control
10:8
IN5_OSR [2:0]
101
Input Path 5 DMIC Oversample Rate
Controls the DMIC5 sample rate as below:
000 = Reserved
001 = Reserved
010 = 384kHz
011 = 768kHz
100 = 1.536MHz
101 = 3.072MHz
110 = 6.144MHz
111 = Reserved
When IN5_OSR=010 or 011, then the
maximum Input Path sample rate (all input
paths) is 48kHz or 96kHz respectively.
If Input Path 5 DMIC is selected as a
source for the Rx ANC function, the
IN5_OSR field must be set to 101.
5:0
IN5L_DMIC_DLY
[5:0]
00h
Input Path 5 (Left) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN5_OSR.)
R820
(0334h)
IN5R_Con
trol
15
IN5R_HPF
0
Input Path 5 (Right) HPF Enable
0 = Disabled
1 = Enabled
R822
(0336h)
DMIC5R_
Control
5:0
IN5R_DMIC_DLY
[5:0]
00h
Input Path 5 (Right) Digital Delay
(Applicable to digital input only)
LSB = 1 sample, Range is 0 to 63.
(Sample rate is controlled by IN5_OSR.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com