Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 13Page - Cirrus Logic CS47L85 Datasheet HTML 14Page - Cirrus Logic CS47L85 Datasheet HTML 15Page - Cirrus Logic CS47L85 Datasheet HTML 16Page - Cirrus Logic CS47L85 Datasheet HTML 17Page - Cirrus Logic CS47L85 Datasheet HTML 18Page - Cirrus Logic CS47L85 Datasheet HTML 19Page - Cirrus Logic CS47L85 Datasheet HTML 20Page - Cirrus Logic CS47L85 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 370 page
background image
CS47L85
Rev 4.3
17
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 1.8V,
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of recommended
operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Signal Level (IN1AL, IN1BL, IN1R, IN2AL, IN2BL, IN2AR, IN2BR, IN3L, IN3R)
Full-scale input signal level
(0dBFS output)
VINFS
Single-ended PGA input,
0dB PGA gain
0.5
-6
VRMS
dBV
Differential PGA input,
0dB PGA gain
1
0
VRMS
dBV
Notes:
1.
The full-scale input signal level is also the maximum analogue input level, before clipping occurs.
2.
The full-scale input signal level changes in proportion with AVDD. For differential input, it is calculated as AVDD / 1.8.
3.
A 1.0VRMS differential signal equates to 0.5VRMS/-6dBV per input.
4.
A sinusoidal input signal is assumed.
Test Conditions
TA = +25
ºC
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of recommended
operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pin Characteristics (IN1AL, IN1BL, IN1R, IN2AL, IN2BL, IN2AR, IN2BR, IN3L, IN3R)
Input resistance
RIN
Single-ended PGA input,
All PGA gain settings
9
12
k
Differential PGA input,
All PGA gain settings
18
24
Input capacitance
CIN
5
pF
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Programmable Gain Amplifiers (PGAs)
Minimum programmable gain
0
dB
Maximum programmable gain
31
dB
Programmable gain step size
Guaranteed monotonic
1
dB
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Microphone Input Signal Level (DMICDAT1, DMICDAT2, DMICDAT3, DMICDAT4, DMICDAT5, DMICDAT6)
Full-scale input signal level
(0dBFS signal to digital core)
0dB gain
-6
dBFS
Notes:
1.
The digital microphone input signal level is measured in dBFS, where 0dBFS is a signal level equal to the full-scale range (FSR) of the
PDM input. The FSR is defined as the amplitude of a 1kHz sine wave whose positive and negative peaks are represented by the maximum
and minimum digital codes respectively - this is the largest 1kHz sine wave that will fit in the digital output range without clipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com