Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 19Page - Cirrus Logic CS47L85 Datasheet HTML 20Page - Cirrus Logic CS47L85 Datasheet HTML 21Page - Cirrus Logic CS47L85 Datasheet HTML 22Page - Cirrus Logic CS47L85 Datasheet HTML 23Page - Cirrus Logic CS47L85 Datasheet HTML 24Page - Cirrus Logic CS47L85 Datasheet HTML 25Page - Cirrus Logic CS47L85 Datasheet HTML 26Page - Cirrus Logic CS47L85 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 370 page
background image
CS47L85
Rev 4.3
23
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input / Output (except DMICDAT1/2/3 and DMICCLK1/2/3)
Digital I/O is referenced to DBVDD1, DBVDD2, DBVDD3 or DBVDD4.
Input HIGH Level
VIH
VDBVDD = 1.71V to 1.98V
0.75
VDBVDDn
V
VDBVDDn = 2.5V ±10%
0.8
VDBVDDn
VDBVDDn = 3.3V ±10%
0.7
VDBVDDn
Input LOW Level
VIL
VDBVDD = 1.71V to 1.98V
0.3
VDBVDDn
V
VDBVDDn = 2.5V ±10%
0.25
VDBVDDn
VDBVDDn = 3.3V ±10%
0.2
VDBVDDn
Note that digital input pins should not be left unconnected or floating.
Output HIGH Level
(IOH = 1mA)
VOH
VDBVDD = 1.71V to 1.98V
0.75
VDBVDDn
V
VDBVDDn = 2.5V ±10%
0.65
VDBVDDn
VDBVDDn = 3.3V ±10%
0.7
VDBVDDn
Output LOW Level
(IOL = 1mA)
VOL
VDBVDD = 1.71V to 1.98V
0.25
VDBVDDn
V
VDBVDDn = 2.5V ±10%
0.3
VDBVDDn
VDBVDDn = 3.3V ±10%
0.15
VDBVDDn
Input capacitance
5
pF
Input leakage
-10
10
µA
Pull-up / pull-down resistance
(where applicable)
35
55
k
Ω
Digital Microphone Input / Output (DMICDAT1/2/3 and DMICCLK1/2/3)
DMICDAT1/2/3 and DMICCLK1/2/3 are referenced to a selectable supply, VSUP, according to the INn_DMIC_SUP registers
DMICDATn input HIGH Level
VIH
0.65
 V
SUP
V
DMICDATn input LOW Level
VIL
0.35
 V
SUP
V
DMICCLKn output HIGH Level
VOH
IOH = 1mA
0.8
 V
SUP
V
DMICCLKn output LOW Level
VOL
IOL = -1mA
0.2
 V
SUP
V
Input capacitance
25
pF
Input leakage
-1
1
µA
General Purpose Input / Output (GPIOn)
Clock output frequency
GPIO pin configured as
OPCLK or FLL output
50
MHz
General Purpose Switch
The GPSWP pin should be positive-biased with respect to GPSWN. The GPSWN pin voltage must not exceed GPSWP + 0.3V.
Switch resistance
RDS(ON)
Switch closed, I=1mA
25
40
Ω
Switch resistance
RDS(OFF)
Switch open
100
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com