Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS47L85 Datasheet(PDF) 98 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 98 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 94Page - Cirrus Logic CS47L85 Datasheet HTML 95Page - Cirrus Logic CS47L85 Datasheet HTML 96Page - Cirrus Logic CS47L85 Datasheet HTML 97Page - Cirrus Logic CS47L85 Datasheet HTML 98Page - Cirrus Logic CS47L85 Datasheet HTML 99Page - Cirrus Logic CS47L85 Datasheet HTML 100Page - Cirrus Logic CS47L85 Datasheet HTML 101Page - Cirrus Logic CS47L85 Datasheet HTML 102Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 370 page
background image
CS47L85
98
Rev 4.3
The S/PDIF input control registers (see Figure 32) are located at register addresses R2048 (800h) through to R2057 (809h).
The full list of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document - see
“Register Map” for further information. Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the two S/PDIF channels. Note that the selected input source(s) must
be synchronised to the SYSCLK clocking domain, and configured for the same sample rate as the S/PDIF generator. Sample
rate conversion functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter
(ASRC)
” and “Isochronous Sample Rate Converter (ISRC)”.
The S/PDIF output generator should be kept disabled (SPD1_ENA=0) if SYSCLK is not enabled. The *_SRCn registers for
all digital core functions should be held at 00h if SYSCLK is not enabled. SYSCLK must be present and enabled before
selecting other values for these registers. See “Clocking and Sample Rates” for further details (including requirements for
reconfiguring SYSCLK while digital core functions are enabled).
The sample rate of the S/PDIF generator is configured using the SPD1_RATE register - see Table 22. The S/PDIF
transmitter supports sample rates in the range 32kHz up to 192kHz. Note that sample rate conversion is required when
linking the S/PDIF generator to any signal chain that is asynchronous and/or configured for a different sample rate.
The SPD1_RATE register should not be changed if any of the associated *_SRCn registers is non-zero. The associated
*_SRCn registers should be cleared to 00h before writing new values to SPD1_RATE. A minimum delay of 125us should
be allowed between clearing the *_SRCn registers and writing to the SPD1_RATE register. See Table 22 for further details.
The S/PDIF generator is enabled using the SPD1_ENA register bit, as described in Table 17.
The S/PDIF output contains audio data derived from the selected sources. Audio samples up to 24-bit width can be
accommodated. The Validity bits and the Channel Status bits in the S/PDIF data are configured using the corresponding
fields in registers R1474 (5C2h) to R1477 (5C5h).
Refer to S/PDIF specification (IEC 60958-3) for full details of the S/PDIF protocol and configuration parameters.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1474
(05C2h)
SPD1_TX_
Control
13
SPD1_VAL2
0
S/PDIF validity (Subframe B)
12
SPD1_VAL1
0
S/PDIF validity (Subframe A)
0
SPD1_ENA
0
S/PDIF Generator Enable
0 = Disabled
1 = Enabled
R1475
(05C3h)
SPD1_TX_
Channel_St
atus_1
15:8
SPD1_CATCODE [7:0]
00h
S/PDIF Category code
7:6
SPD1_CHSTMODE [1:0]
00
S/PDIF Channel Status mode
5:3
SPD1_PREEMPH [2:0]
000
S/PDIF Pre-emphasis mode
2
SPD1_NOCOPY
0
S/PDIF Copyright status
1
SPD1_NOAUDIO
0
S/PDIF Audio / Non-audio indication
0
SPD1_PRO
0
S/PDIF Consumer / Professional Mode
R1476
(05C4h)
SPD1_TX_
Channel_St
atus_2
15:12
SPD1_FREQ [3:0]
0000
S/PDIF Indicated sample frequency
11:8
SPD1_CHNUM2 [3:0]
1011
S/PDIF Channel number (Subframe B)
7:4
SPD1_CHNUM1 [3:0]
0000
S/PDIF Channel number (Subframe A)
3:0
SPD1_SRCNUM [3:0]
0001
S/PDIF Source number
R1477
(05C5h)
SPD1_TX_
Channel_St
atus_3
11:8
SPD1_ORGSAMP [3:0]
0000
S/PDIF Original sample frequency
7:5
SPD1_TXWL [2:0]
000
S/PDIF Audio sample word length
4
SPD1_MAXWL
0
S/PDIF Maximum audio sample word
length
3:2
SPD1_SC31_30 [1:0]
00
S/PDIF Channel Status [31:30]
1:0
SPD1_CLKACU [1:0]
00
Transmitted clock accuracy
Table 17 S/PDIF Output Generator Control
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the digital mixer
paths. If an attempt is made to enable the SPDIF generator, and there are insufficient SYSCLK cycles to support it, then the
attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The status bits in Registers R1600 to R3192 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com